Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV20D130K-JSIX Datasheet(PDF) 35 Page - World Produts Inc.

Part # EV20D130K-JSIX
Description  Metal Oxide Varistors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV20D130K-JSIX Datasheet(HTML) 35 Page - World Produts Inc.

Back Button EV20D130K-JSIX Datasheet HTML 31Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 32Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 33Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 34Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 35Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 36Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 37Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 38Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 39Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
Metal Oxide Varistors - EV Series | 33
EV High Energy (-J) Series
Electrical Characteristics
10mm -J
Part
Number
Maximum Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
8/20µs
(joules)
8/20µs
Amps
Min
Volts
Max
Volts
Volts
Amps
pF
EV10D11K-J
11
14
3.0
1000
16
20
36
5
6000
EV10D14K-J
14
18
5.0
1000
20
24
43
5
5000
EV10D17K-J
17
22
6.0
1000
24
30
53
5
4000
EV10D20K-J
20
26
7.0
1000
30
36
65
5
3500
EV10D25K-J
25
31
9.0
1000
35
43
77
5
3100
EV10D30K-J
30
38
11
1000
42
52
93
5
2800
EV10D35K-J
35
45
13
1000
50
62
110
5
2400
EV10D40K-J
40
56
15
1000
61
75
135
5
2200
EV10D50K-J
50
65
17
3500
74
90
135
25
2100
EV10D60K-J
60
85
18
3500
90
110
165
25
1700
EV10D75K-J
75
100
21
3500
108
132
200
25
1500
EV10D95K-J
95
125
25
3500
135
165
250
25
1300
EV10D120K-J
120
150
30
3500
162
198
300
25
470
EV10D130K-J
130
170
35
3500
185
225
340
25
430
EV10D140K-J
140
180
39
3500
198
242
360
25
390
EV10D150K-J
150
200
42
3500
216
264
395
25
360
EV10D180K-J
180
225
49
3500
243
297
455
25
330
EV10D195K-J
195
250
54
3500
270
330
500
25
290
EV10D210K-J
210
275
58
3500
297
363
550
25
280
EV10D230K-J
230
300
65
3500
324
396
595
25
260
EV10D250K-J
250
320
70
3500
351
429
650
25
240
EV10D275K-J
275
350
80
3500
387
473
710
25
220
EV10D300K-J
300
385
85
3500
423
517
775
25
200
EV10D320K-J
320
415
90
3500
459
561
845
25
190
EV10D360K-J
360
460
92
3500
504
616
825
25
180
EV10D390K-J
390
505
95
3500
558
682
1025
25
160
EV10D420K-J
420
560
98
3500
612
748
1120
25
140
EV10D460K-J
460
615
100
3500
675
825
1240
25
130
EV10D485K-J
485
640
105
3500
702
858
1290
25
130
EV10D510K-J
510
670
110
3500
738
902
1355
25
130
EV10D550K-J
550
745
130
3500
819
1001
1500
25
120
EV10D625K-J
625
825
140
3500
900
1100
1650
25
100
EV10D680K-J
680
895
155
3500
990
1210
1815
25
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com