Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV20D130K-JSIX Datasheet(PDF) 40 Page - World Produts Inc.

Part # EV20D130K-JSIX
Description  Metal Oxide Varistors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV20D130K-JSIX Datasheet(HTML) 40 Page - World Produts Inc.

Back Button EV20D130K-JSIX Datasheet HTML 36Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 37Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 38Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 39Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 40Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 41Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 42Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 43Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 44Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
38 | Metal Oxide Varistors - EV Series
EV Ultra High Energy (-H) Series
Electrical Characteristics
34mm -H
Part
Number
Maximum Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
10/1000µs
(joules)
8/20µs
KA
Min
Volts
Max
Volts
Volts
Amps
pF
EV34D60K-H
60
85
200
45
90
110
165
300
15000
EV34D75K-H
75
100
250
45
108
132
200
300
12200
EV34D95K-H
95
125
300
50
135
165
250
300
10000
EV34D120K-H
120
150
400
50
162
198
300
300
8250
EV34D130K-H
130
170
450
50
185
225
340
300
6750
EV34D140K-H
140
180
500
50
198
242
360
300
6400
EV34D150K-H
150
200
550
50
222
270
395
300
5650
EV34D180K-H
180
225
630
50
256
310
455
300
5100
EV34D195K-H
195
250
700
50
270
330
500
300
4510
EV34D210K-H
210
275
800
60
297
363
550
300
4150
EV34D230K-H
230
300
850
60
324
396
595
300
3750
EV34D250K-H
250
320
930
60
362
440
650
300
3500
EV34D275K-H
275
350
1050
60
387
473
710
300
2950
EV34D300K-H
300
385
1150
60
423
517
775
300
2880
EV34D320K-H
320
415
1200
60
459
561
845
300
2650
EV34D360K-H
360
460
1300
60
504
616
925
300
2450
EV34D390K-H
390
505
1400
60
558
682
1025
300
2200
EV34D420K-H
420
560
1400
60
612
748
1120
300
2000
EV34D460K-H
460
615
1500
60
675
825
1240
300
1820
EV34D485K-H
485
640
1550
60
702
858
1290
300
1750
EV34D510K-H
510
670
1650
60
738
902
1355
300
1650
EV34D550K-H
550
745
1750
60
819
1001
1500
300
1500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com