Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV20D130K-JSIX Datasheet(PDF) 31 Page - World Produts Inc.

Part # EV20D130K-JSIX
Description  Metal Oxide Varistors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV20D130K-JSIX Datasheet(HTML) 31 Page - World Produts Inc.

Back Button EV20D130K-JSIX Datasheet HTML 27Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 28Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 29Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 30Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 31Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 32Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 33Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 34Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 35Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
Metal Oxide Varistors - EV Series | 29
EV Standard Series — Electrical Characteristics
22mm
Part
Number
Maximum Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Cpacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
10/1000µs
(joules)
8/20µs
KA
Min
Volts
Max
Volts
Volts
Amps
pF
EV22D14K
14
18
28
6
20
25
43
35
37000
EV22D17K
17
22
33
6
24
31
53
35
30000
EV22D20K
20
26
42
6
30
37
65
35
24500
EV22D25K
25
31
49
6
35
44
77
35
21000
EV22D30K
30
38
60
10
42
52
93
35
17250
EV22D35K
35
45
72
10
50
63
110
35
14500
EV22D40K
40
56
85
10
61
75
135
35
9500
EV22D50K
50
65
98
18
74
90
135
175
8800
EV22D60K
60
85
122
18
90
110
165
175
7200
EV22D75K
75
100
146
*25
108
132
200
175
6000
EV22D95K
95
125
185
*25
135
165
250
175
4400
EV22D120K
120
150
218
*25
162
198
300
175
3650
EV22D130K
130
170
252
*25
185
225
340
175
3300
EV22D140K
140
180
280
*25
198
242
360
175
3000
EV22D150K
150
200
302
*25
222
270
395
175
2800
EV22D180K
180
225
340
*25
256
310
455
175
2450
EV22D195K
195
250
375
*25
270
330
500
175
2200
EV22D210K
210
275
410
*25
297
363
550
175
2050
EV22D230K
230
300
465
*25
324
396
595
175
1850
EV22D250K
250
320
520
*25
362
440
650
175
1700
EV22D275K
275
350
575
*25
387
473
710
175
1600
EV22D300K
300
385
630
*25
423
517
775
175
1450
EV22D320K
320
415
665
*25
459
561
845
175
1300
EV22D360K
360
460
720
*25
504
616
925
175
1200
EV22D390K
390
505
790
*25
558
682
1025
175
1100
EV22D420K
420
560
790
*25
612
748
1120
175
1000
EV22D460K
460
615
825
*25
675
825
1240
175
900
EV22D485K
485
640
860
*25
702
858
1290
175
850
EV22D510K
510
670
900
*22
738
902
1355
175
810
EV22D550K
550
745
950
*22
819
1001
1500
175
750
EV22D575K
575
780
950
*22
855
1045
1570
175
700
EV22D625K
625
825
1130
*22
900
1100
1650
175
660
EV22D680K
680
895
1140
*22
990
1210
1815
175
605
EV22D750K
750
980
1170
*22
1150
1320
1980
175
555
EV22D850K
850
1120
1170
20
1315
1540
2310
175
475
EV22D1000K
1000
1320
1300
20
1550
1760
2640
175
415
NOTE: * = For wire leads suffix “KW” rating is 20KA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com