Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV20D130K-JSIX Datasheet(PDF) 57 Page - World Produts Inc.

Part # EV20D130K-JSIX
Description  Metal Oxide Varistors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV20D130K-JSIX Datasheet(HTML) 57 Page - World Produts Inc.

Back Button EV20D130K-JSIX Datasheet HTML 51Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 52Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 53Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 54Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 55Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 56Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 57Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 58Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 59Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
Metal Oxide Varistors - EV Series | 55
20mm Taping Specifications
Item
Symbol
Straight Leads
Outward Crimp
Inline Crimp
Inward Crimp
T44, T1H
T5, T30
T1X, T45
T50, T2X
T2, T25
T60, T3X
T40, T4X
T35, T2D
Body Diameter
D
24 max
24 max
24 max
24 max
24 max
24 max
24 max
24 max
Lead Wire Diameter
d
0.8 ± 0.06 1.0 ± 0.1 0.8 ± 0.06 1.0 ± 0.1 0.8 ± 0.06 1.0 ± 0.1 0.8 ± 0.06 1.0 ± 0.1
Pitch of Component
P
25.4 ± 1
25.4 ± 1
25.4 ± 1 25.4 ± 1 25.4 ± 1
25.4 ± 1
25.4 ± 1
25.4 ± 1
Feed Hole Pitch
P0
12.7 ± 0.3 12.7 ± 0.3 12.7 ± 0.3 12.7 ± 0.3 12.7 ± 0.3 12.7 ± 0.3 12.7 ± 0.3 12.7 ± 0.3
Lead to Lead Distance
(Center to Center)
F
7.5 ± 0.8
10 ± 1
7.5 ± 0.8
10 ± 1
7.5 ± 0.8
10 ± 1
7.5 ± 0.8
10 ± 1
Component Alignment
h
2.0 max
2.0 max
2.0 max
2.0 max
2.0 max
2.0 max
2.0 max
2.0 max
Basepaper Tape Width
W
18+1/-0.5 18+1/-0.5 18+1/-0.5 18+1/-0.5 18+1/-0.5 18+1/-0.5 18+1/-0.5 18+1/-0.5
Adhesive Tape Width
W0
10 min
10 min
10 min
10 min
10 min
10 min
10 min
10 min
Hole Position
W1
9 ± 0.5
9 ± 0.5
9 ± 0.5
9 ± 0.5
9 ± 0.5
9 ± 0.5
9 ± 0.5
9 ± 0.5
Adhesive
Tape Border
W2
3 max
3 max
3 max
3 max
3 max
3 max
3 max
3 max
Component Height
H1
48 max
48 max
48 max
48 max
48 max
48 max
48 max
48 max
Lead-Wire Clinch
Height
H0
18 ± 2
18 ± 2
16 ± 1
16 ± 1
16 ± 1
16 ± 1
16 ± 1
16 ± 1
Lead-Wire Protrusion
Lx
1.0 max
1.0 max
1.0 max
1.0 max
1.0 max
1.0 max
1.0 max
1.0 max
Feed Hole Diameter
D0
4 ± 0.2
4 ± 0.2
4 ± 0.2
4 ± 0.2
4 ± 0.2
4 ± 0.2
4 ± 0.2
4 ± 0.2
Total Tape Thickness
t
»0.7 max »0.7 max »0.7 max »0.7 max »0.7 max »0.7 max »0.7 max »0.7 max
Length of Clipped Lead
L
11 max
11 max
11 max
11 max
11 max
11 max
11 max
11 max
Component Height
from Seating Plane
A
—
—
29 max
29 max
31 max
31 max
29 max
29 max
All dimensions are in Millimeters.
Note: Basepaper Thickness = 0.375mm ± 0.1mm (Ammo Box), 0.53mm ± 0.1mm (Reel).
Adhesive Tape Thickness = 0.16mm ± 0.03mm.
Largest voltage which can be taped is 460VAC.
For 320VAC and larger, only T2, T25, T60 or T3X is available
DISLAIMER: The names of the products and the specifications in this catalog are subject to change without notice for the sake of improvement.
World Products, LLC also reserves the right to discontinue any of these products. The products in this catalog are intended for use in ordinary
electronic products. If any of these products are to be used in special applications requiring extremely high reliability, where product defects might
pose a safety risk, please consult World Products, LLC Though World Products, LLC has taken all possible precautions to ensure the quality and
reliability of its products, improper use of products may result in bodily injury, fire, or similar accident. If you have any questions regarding the use
of the products in question, please consult World Products, LLC Please be advised that World Products, LLC accepts no responsibility for any
infraction by users of World Products, LLC products on third party patents or industrial copyrights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com