Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV20D130K-JSIX Datasheet(PDF) 25 Page - World Produts Inc.

Part # EV20D130K-JSIX
Description  Metal Oxide Varistors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV20D130K-JSIX Datasheet(HTML) 25 Page - World Produts Inc.

Back Button EV20D130K-JSIX Datasheet HTML 21Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 22Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 23Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 24Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 25Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 26Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 27Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 28Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 29Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
Metal Oxide Varistors - EV Series | 23
Standard Dimensions and Lead Modification Options (continued)
E Max Dimensions for EV Uncoated Disk Series – No Leads
Dimensions are in mm (inches)
34mm
Part Number
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
Part Number
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
EV34D30KA
1.00 (0.039)
N/A
EV34D275KA
2.56 (0.101)
N/A
EV34D35KA
1.18 (0.046)
N/A
EV34D300KA
2.79 (0.110)
N/A
EV34D40KA
1.42 (0.056)
N/A
EV34D320KA
3.09 (0.122)
N/A
EV34D50KA
0.77 (0.030)
N/A
EV34D360KA
3.32 (0.131)
N/A
EV34D60KA
0.96 (0.038)
N/A
EV34D390KA
3.71 (0.146)
N/A
EV34D75KA
1.14 (0.045)
N/A
EV34D420KA
4.09 (0.161)
N/A
EV34D95KA
1.11 (0.044)
N/A
EV34D460KA
4.50 (0.177)
N/A
EV34D120KA
1.32 (0.052)
N/A
EV34D485KA
4.68 (0.184)
N/A
EV34D130KA
1.46 (0.058)
N/A
EV34D510KA
4.91 (0.193)
N/A
EV34D140KA
1.61 (0.063)
N/A
EV34D550KA
5.44 (0.214)
N/A
EV34D150KA
1.75 (0.069)
N/A
EV34D575KA
5.68 (0.223)
N/A
EV34D180KA
1.96 (0.077)
N/A
EV34D625KA
6.00 (0.236)
N/A
EV34D195KA
1.79 (0.071)
N/A
EV34D680KA
6.59 (0.259)
N/A
EV34D210KA
1.97 (0.078)
N/A
EV34D750KA
7.21 (0.284)
N/A
EV34D230KA
2.15 (0.085)
N/A
EV34D850KA
8.38 (0.330)
N/A
EV34D250KA
2.32 (0.091)
N/A
EV34D1000KA
9.06 (0.357)
N/A
ZINC OXIDE DISK
AG ELECTRODE
E Max
AG ELECTRODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com