Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV20D130K-JSIX Datasheet(PDF) 30 Page - World Produts Inc.

Part # EV20D130K-JSIX
Description  Metal Oxide Varistors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV20D130K-JSIX Datasheet(HTML) 30 Page - World Produts Inc.

Back Button EV20D130K-JSIX Datasheet HTML 26Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 27Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 28Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 29Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 30Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 31Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 32Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 33Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 34Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
28 | Metal Oxide Varistors - EV Series
EV Standard Series — Electrical Characteristics
20mm
Part
Number
Maximum Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
8/20µs
(joules)
8/20µs
Amps
Min
Volts
Max
Volts
Volts
Amps
pF
EV20D11K
11
14
11
2000
16
20
36
20
27000
EV20D14K
14
18
14
2000
20
24
43
20
20000
EV20D17K
17
22
16
2000
24
30
53
20
15000
EV20D20K
20
26
23
2000
30
36
65
20
12200
EV20D25K
25
31
26
2000
35
43
77
20
10000
EV20D30K
30
38
30
2000
42
52
93
20
9350
EV20D35K
35
45
41
2000
50
62
110
20
8000
EV20D40K
40
56
46
2000
61
75
135
20
6800
EV20D50K
50
65
38
6500
74
90
135
100
5800
EV20D60K
60
85
45
6500
90
110
165
100
3800
EV20D75K
75
100
55
6500
108
132
200
100
3000
EV20D95K
95
125
70
6500
135
165
250
100
2600
EV20D120K
120
150
85
10000
162
198
300
100
2400
EV20D130K
130
170
95
10000
185
225
340
100
1800
EV20D140K
140
180
100
10000
198
242
360
100
1500
EV20D150K
150
200
120
10000
216
264
395
100
1400
EV20D180K
180
225
127
10000
243
297
455
100
1350
EV20D195K
195
250
136
10000
270
330
500
100
1300
EV20D210K
210
275
150
10000
297
363
550
100
1250
EV20D230K
230
300
163
10000
324
396
595
100
1180
EV20D250K
250
320
180
10000
351
429
650
100
1100
EV20D275K
275
350
190
10000
387
473
710
100
1050
EV20D300K
300
385
220
10000
423
517
775
100
1000
EV20D320K
320
415
222
10000
459
561
845
100
970
EV20D360K
360
460
226
10000
504
616
825
100
950
EV20D390K
390
505
228
10000
558
682
1025
100
900
EV20D420K
420
560
230
10000
612
748
1120
100
850
EV20D460K
460
615
255
10000
675
825
1240
100
750
EV20D485K
485
640
265
10000
702
858
1290
100
700
EV20D510K
510
670
282
10000
738
902
1355
100
600
EV20D550K
550
745
310
10000
819
1001
1500
100
500
EV20D625K
625
825
342
10000
900
1100
1650
100
450
EV20D680K
680
895
383
10000
990
1210
1815
100
375
EV20D750K
750
990
408
10000
1080
1320
1980
100
320
EV20D1100K
1100
1465
625
10000
1620
1980
2970
100
220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com