Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV20D130K-JSIX Datasheet(PDF) 28 Page - World Produts Inc.

Part # EV20D130K-JSIX
Description  Metal Oxide Varistors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV20D130K-JSIX Datasheet(HTML) 28 Page - World Produts Inc.

Back Button EV20D130K-JSIX Datasheet HTML 24Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 25Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 26Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 27Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 28Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 29Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 30Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 31Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 32Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
26 | Metal Oxide Varistors - EV Series
EV Standard Series — Electrical Characteristics
10mm
Part
Number
Maximum Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
8/20µs
(joules)
8/20µs
Amps
Min
Volts
Max
Volts
Volts
Amps
pF
EV10D11K
11
14
2.1
500
16
20
36
5
6000
EV10D14K
14
18
2.5
500
20
24
43
5
5000
EV10D17K
17
22
3.0
500
24
30
53
5
4000
EV10D20K
20
26
4.0
500
30
36
65
5
3500
EV10D25K
25
31
4.6
500
35
43
77
5
3100
EV10D30K
30
38
6.0
500
42
52
93
5
2800
EV10D35K
35
45
7.0
500
50
62
110
5
2400
EV10D40K
40
56
8.0
500
61
75
135
5
2200
EV10D50K
50
65
12
2500
74
90
135
25
2100
EV10D60K
60
85
15
2500
90
110
165
25
1700
EV10D75K
75
100
18
2500
108
132
200
25
1500
EV10D95K
95
125
22
2500
135
165
250
25
1300
EV10D120K
120
150
27
2500
162
198
300
25
470
EV10D130K
130
170
30
2500
185
225
340
25
430
EV10D140K
140
180
32
2500
198
242
360
25
390
EV10D150K
150
200
35
2500
216
264
395
25
360
EV10D180K
180
225
40
2500
243
297
455
25
330
EV10D195K
195
250
40
2500
270
330
500
25
290
EV10D210K
210
275
43
2500
297
363
550
25
280
EV10D230K
230
300
47
2500
324
396
595
25
260
EV10D250K
250
320
60
2500
351
429
650
25
240
EV10D275K
275
350
65
2500
387
473
710
25
220
EV10D300K
300
385
70
2500
423
517
775
25
200
EV10D320K
320
415
70
2500
459
561
845
25
190
EV10D360K
360
460
70
2500
504
616
825
25
180
EV10D390K
390
505
70
2500
558
682
1025
25
160
EV10D420K
420
560
70
2500
612
748
1120
25
140
EV10D460K
460
615
75
2500
675
825
1240
25
130
EV10D485K
485
640
80
2500
702
858
1290
25
130
EV10D510K
510
670
85
2500
738
902
1355
25
130
EV10D550K
550
745
93
2500
819
1001
1500
25
120
EV10D625K
625
825
102
2500
900
1100
1650
25
100
EV10D680K
680
895
115
2500
990
1210
1815
25
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com