Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV20D130K-JSIX Datasheet(PDF) 10 Page - World Produts Inc.

Part # EV20D130K-JSIX
Description  Metal Oxide Varistors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV20D130K-JSIX Datasheet(HTML) 10 Page - World Produts Inc.

Back Button EV20D130K-JSIX Datasheet HTML 6Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 7Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 8Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 9Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 10Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 11Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 12Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 13Page - World Produts Inc. EV20D130K-JSIX Datasheet HTML 14Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
8 | Metal Oxide Varistors - EV Series
Standard Dimensions and Lead Modification Options (continued)
E Max Dimensions for EV Standard Series (5, 7, 10, 14 and 20mm) using standard epoxy
coating. For flame retardant coating (suffix “s”) dimensions “E” & “a” add 10% (x1.10) as this
coating is thicker.
Dimensions are in mm (inches)
5mm
Part Number
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
Part Number
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
EV05D11K
3.4 (.13)
1.3 (.05)
EV05D130K
3.4 (.13)
1.5 (.06)
EV05D14K
3.5 (.14)
1.3 (.05)
EV05D140K
3.5 (.14)
1.5 (.06)
EV05D17K
3.8 (.15)
1.4 (.06)
EV05D150K
3.6 (.14)
1.6 (.06)
EV05D20K
3.4 (.13)
1.2 (.05)
EV05D180K
3.8 (.15)
1.8 (.07)
EV05D25K
3.6 (.14)
1.3 (.05)
EV05D195K
4.0 (.16)
1.6 (.06)
EV05D30K
3.8 (.15)
1.5 (.06)
EV05D210K
4.2 (.17)
1.7 (.07)
EV05D35K
3.9 (.15)
1.6 (.06)
EV05D230K
4.4 (.17)
1.8 (.07)
EV05D40K
4.0 (.16)
1.8 (.07)
EV05D250K
4.6 (.18)
1.9 (.08)
EV05D50K
3.4 (.13)
1.2 (.05)
EV05D275K
4.8 (.19)
1.8 (.07)
EV05D60K
3.6 (.14)
1.2 (.05)
EV05D300K
5.0 (.20)
2.4 (.09)
EV05D75K
3.8 (.15)
1.3 (.05)
EV05D320K
5.1 (.20)
2.4 (.09)
EV05D95K
4.0 (.16)
1.5 (.06)
EV05D360K
5.4 (.21)
2.6 (.10)
EV05D120K
3.2 (.13)
1.4 (.05)
7mm
Part NUmber
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
Part Number
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
EV07D11K
3.4 (.13)
1.3 (.05)
EV07D150K
3.6 (.14)
1.6 (.06)
EV07D14K
3.5 (.14)
1.3 (.05)
EV07D180K
3.8 (.15)
1.8 (.07)
EV07D17K
3.8 (.15)
1.4 (.06)
EV07D195K
4.0 (.16)
1.6 (.06)
EV07D20K
3.4 (.13)
1.2 (.05)
EV07D210K
4.2 (.17)
1.7 (.07)
EV07D25K
3.6 (.14)
1.3 (.05)
EV07D230K
4.4 (.17)
1.8 (.07)
EV07D30K
3.8 (.15)
1.5 (.06)
EV07D250K
4.6 (.18)
1.9 (.08)
EV07D35K
3.9 (.15)
1.6 (.06)
EV07D275K
4.8 (.19)
2.0 (.08)
EV07D40K
4.0 (.16)
1.8 (.07)
EV07D300K
5.0 (.20)
2.4 (.10)
EV07D50K
3.4 (.13)
1.2 (.05)
EV07D320K
5.1 (.20)
2.0 (.09)
EV07D60K
3.6 (.14)
1.2 (.05)
EV07D360K
5.4 (.20)
2.6 (.10)
EV07D75K
3.8 (.15)
1.3 (.05)
EV07D390K
5.8 (.24)
2.6 (.10)
EV07D95K
4.0 (.16)
1.4 (.06)
EV07D420K
6.0 (.24)
*3.0 (.12)
EV07D120K
3.2 (.13)
1.4 (.05)
EV07D460K
6.2 (.24)
*3.3 (.13)
EV07D130K
3.4 (.13)
1.5 (.06)
EV07D485K
6.4 (.25)
*3.4 (.13)
EV07D140K
3.5 (.14)
1.5 (.06)
EV07D510K
6.8 (.27)
*3.5 (.14)
* Parts rated ≥420VAC come standard with inline crimp for straight disk seating on PC boards. For these parts, the “a” dimension is not applicable. If
≥420VAC parts are required without inline crimp, please reference”Part Number System” position 9 and add suffix “N” then reference “a” dimension
above.
E max
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com