Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD813F2 Datasheet(PDF) 69 Page - STMicroelectronics

Part # PSD813F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 65Page - STMicroelectronics PSD813F2 Datasheet HTML 66Page - STMicroelectronics PSD813F2 Datasheet HTML 67Page - STMicroelectronics PSD813F2 Datasheet HTML 68Page - STMicroelectronics PSD813F2 Datasheet HTML 69Page - STMicroelectronics PSD813F2 Datasheet HTML 70Page - STMicroelectronics PSD813F2 Datasheet HTML 71Page - STMicroelectronics PSD813F2 Datasheet HTML 72Page - STMicroelectronics PSD813F2 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 128 page
background image
PSD8XXFX
I/O ports
Doc ID 7833 Rev 7
69/128
16.3
MCU I/O mode
In the MCU I/O mode, the MCU uses the I/O ports block to expand its own I/O ports. By
setting up the CSIOP space, the ports on the PSD are mapped into the MCU address
space. The addresses of the ports are listed in Table 8.
A port pin can be put into MCU I/O mode by writing a 0 to the corresponding bit in the
Control register. The MCU I/O direction may be changed by writing to the corresponding bit
in the Direction register, or by the output enable product term (see Section 16.8: Peripheral
I/O mode). When the pin is configured as an output, the content of the Data Out register
drives the pin. When configured as an input, the MCU can read the port input through the
Data In buffer (see Figure 25).
Ports C and D do not have Control registers, and are in MCU I/O mode by default. They can
be used for PLD I/O if equations are written for them in PSDabel.
16.4
PLD I/O mode
The PLD I/O mode uses a port as an input to the CPLD’s input macrocells (IMC), and/or as
an output from the CPLD’s Output macrocells (OMC). The output can be tri-stated with a
control signal. This output enable control signal can be defined by a product term from the
PLD, or by resetting the corresponding bit in the Direction register to ’0.’ The corresponding
bit in the Direction register must not be set to '1' if the pin is defined for a PLD input signal in
PSDabel. The PLD I/O mode is specified in PSDabel by declaring the port pins, and then
writing an equation assigning the PLD I/O to a port.
16.5
Address Out mode
For MCUs with a multiplexed address/data bus, Address Out mode can be used to drive
latched addresses on to the port pins. These port pins can, in turn, drive external devices.
Either the output enable or the corresponding bits of both the Direction register and Control
register must be set to a 1 for pins to use Address Out mode. This must be done by the
MCU at run-time. See Table 22 for the address output pin assignments on ports A and B for
various MCUs.
For non-multiplexed 8-bit bus mode, address signals (A7-A0) are available to port B in
Address Out mode.
Note:
Do not drive address signals with Address Out mode to an external memory device if it is
intended for the MCU to Boot from the external device. The MCU must first Boot from PSD
memory so the Direction and Control register bits can be set.
Table 20.
Port operating modes
Port mode
Port A
Port B
Port C
Port D
MCU I/O
Yes
Yes
Yes
Yes
PLD I/O
McellAB outputs
McellBC outputs
Additional Ext. CS outputs
PLD inputs
Yes
No
No
Yes
Yes
Yes
No
Yes
No
Yes
No
Yes
No
No
Yes
Yes
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com