Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD813F2 Datasheet(PDF) 27 Page - STMicroelectronics

Part # PSD813F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 23Page - STMicroelectronics PSD813F2 Datasheet HTML 24Page - STMicroelectronics PSD813F2 Datasheet HTML 25Page - STMicroelectronics PSD813F2 Datasheet HTML 26Page - STMicroelectronics PSD813F2 Datasheet HTML 27Page - STMicroelectronics PSD813F2 Datasheet HTML 28Page - STMicroelectronics PSD813F2 Datasheet HTML 29Page - STMicroelectronics PSD813F2 Datasheet HTML 30Page - STMicroelectronics PSD813F2 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 128 page
background image
PSD8XXFX
Detailed operation
Doc ID 7833 Rev 7
27/128
6.2
Description of primary Flash memory and secondary Flash
memory
The primary Flash memory is divided evenly into eight equal sectors. The secondary Flash
memory is divided into four equal sectors. Each sector of either memory block can be
separately protected from Program and Erase cycles.
Flash memory may be erased on a sector-by-sector basis. Flash sector erasure may be
suspended while data is read from other sectors of the block and then resumed after
reading.
During a program or erase cycle in Flash memory, the status can be output on Ready/Busy
(PC3). This pin is set up using PSDsoft Express Configuration.
6.3
Memory block select signals
The DPLD generates the Select signals for all the internal memory blocks (see Section 14:
PLDS). Each of the eight sectors of the primary Flash memory has a Select signal (FS0-
FS7) which can contain up to three product terms. Each of the four sectors of the secondary
Flash memory has a Select signal (CSBOOT0-CSBOOT3) which can contain up to three
product terms. Having three product terms for each Select signal allows a given sector to be
mapped in different areas of system memory. When using a MCU with separate program
and data space, these flexible Select signals allow dynamic re-mapping of sectors from one
memory space to the other.
6.3.1
Ready/Busy (PC3)
This signal can be used to output the Ready/Busy status of the PSD. The output on
Ready/Busy (PC3) is a 0 (Busy) when Flash memory is being written to, or when Flash
memory is being erased. The output is a 1 (Ready) when no WRITE or Erase cycle is in
progress.
6.3.2
Memory operation
The primary Flash memory and secondary Flash memory are addressed through the MCU
bus interface. The MCU can access these memories in one of two ways:
The MCU can execute a typical bus WRITE or READ operation just as it would if
accessing a RAM or ROM device using standard bus cycles.
The MCU can execute a specific instruction that consists of several WRITE and READ
operations. This involves writing specific data patterns to special addresses within the
Flash memory to invoke an embedded algorithm. These instructions are summarized in
Table 10.
Typically, the MCU can read Flash memory using READ operations, just as it would read a
ROM device. However, Flash memory can only be altered using specific Erase and Program
instructions. For example, the MCU cannot write a single byte directly to Flash memory as it
would write a byte to RAM. To program a byte into Flash memory, the MCU must execute a
Program instruction, then test the status of the Program cycle. This status test is achieved
by a READ operation or polling Ready/Busy (PC3).
Flash memory can also be read by using special instructions to retrieve particular Flash
device information (sector protect status and ID).
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com