Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD813F2 Datasheet(PDF) 38 Page - STMicroelectronics

Part # PSD813F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 34Page - STMicroelectronics PSD813F2 Datasheet HTML 35Page - STMicroelectronics PSD813F2 Datasheet HTML 36Page - STMicroelectronics PSD813F2 Datasheet HTML 37Page - STMicroelectronics PSD813F2 Datasheet HTML 38Page - STMicroelectronics PSD813F2 Datasheet HTML 39Page - STMicroelectronics PSD813F2 Datasheet HTML 40Page - STMicroelectronics PSD813F2 Datasheet HTML 41Page - STMicroelectronics PSD813F2 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 128 page
background image
Erasing Flash memory
PSD8XXFX
38/128
Doc ID 7833 Rev 7
9
Erasing Flash memory
9.1
Flash Bulk Erase
The Flash Bulk Erase instruction uses six WRITE operations followed by a READ operation
of the status register, as described in Table 10. If any byte of the Bulk Erase instruction is
wrong, the Bulk Erase instruction aborts and the device is reset to the Read Flash memory
status.
During a Bulk Erase, the memory status may be checked by reading the Error flag bit (DQ5),
the Toggle flag bit (DQ6), and the Data Polling flag bit (DQ7), as detailed in Section 8:
Programming Flash memory. The Error flag bit (DQ5) returns a '1' if there has been an
Erase Failure (maximum number of Erase cycles have been executed).
It is not necessary to program the memory with 00h because the PSD automatically does
this before erasing to 0FFh.
During execution of the Bulk Erase instruction, the Flash memory does not accept any
instructions.
9.2
Flash Sector Erase
The Sector Erase instruction uses six WRITE operations, as described in Table 10.
Additional Flash Sector Erase codes and Flash memory sector addresses can be written
subsequently to erase other Flash memory sectors in parallel, without further coded cycles,
if the additional bytes are transmitted in a shorter time than the timeout period of about
100µs. The input of a new Sector Erase code restarts the timeout period.
The status of the internal timer can be monitored through the level of the Erase timeout flag
bit (DQ3). If the Erase timeout flag bit (DQ3) is ’0,’ the Sector Erase instruction has been
received and the timeout period is counting. If the Erase timeout flag bit (DQ3) is '1,' the
timeout period has expired and the PSD is busy erasing the Flash memory sector(s). Before
and during Erase timeout, any instruction other than Suspend Sector Erase and Resume
Sector Erase instructions abort the cycle that is currently in progress, and reset the device
to READ mode. It is not necessary to program the Flash memory sector with 00h as the
PSD does this automatically before erasing (byte = FFh).
During a Sector Erase, the memory status may be checked by reading the Error flag bit
(DQ5), the Toggle flag bit (DQ6), and the Data Polling flag bit (DQ7), as detailed in
Section 8: Programming Flash memory.
During execution of the Erase cycle, the Flash memory accepts only Reset and Suspend
Sector Erase instructions. Erasure of one Flash memory sector may be suspended, in order
to read data from another Flash memory sector, and then resumed.
9.3
Suspend Sector Erase
When a Sector Erase cycle is in progress, the Suspend Sector Erase instruction can be
used to suspend the cycle by writing 0B0h to any address when an appropriate Sector
Select (FS0-FS7 or CSBOOT0-CSBOOT3) is high. (See Table 10). This allows reading of
data from another Flash memory sector after the Erase cycle has been suspended.
Suspend Sector Erase is accepted only during an Erase cycle and defaults to READ mode.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com