Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD813F2 Datasheet(PDF) 100 Page - STMicroelectronics

Part # PSD813F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 96Page - STMicroelectronics PSD813F2 Datasheet HTML 97Page - STMicroelectronics PSD813F2 Datasheet HTML 98Page - STMicroelectronics PSD813F2 Datasheet HTML 99Page - STMicroelectronics PSD813F2 Datasheet HTML 100Page - STMicroelectronics PSD813F2 Datasheet HTML 101Page - STMicroelectronics PSD813F2 Datasheet HTML 102Page - STMicroelectronics PSD813F2 Datasheet HTML 103Page - STMicroelectronics PSD813F2 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 128 page
background image
AC/DC parameters
PSD8XXFX
100/128
Doc ID 7833 Rev 7
Figure 39.
Input to output disable / enable
tER
tEA
INPUT
INPUT TO
OUTPUT
ENABLE/DISABLE
AI02863
Table 48.
CPLD combinatorial timing (5 V devices)
Symbol
Parameter
Conditions
-70
-90
-15
Fast
PT
Aloc
Turbo
off
Slew
rate
(1)
Unit
MinMax MinMax MinMax
tPD
CPLD input
pin/feedback to
CPLD combinatorial
output
20
25
32
+ 2
+ 10
– 2
ns
tEA
CPLD input to CPLD
output enable
21
26
32
+ 10
– 2
ns
tER
CPLD input to CPLD
output disable
21
26
32
+ 10
– 2
ns
tARP
CPLD register clear
or preset delay
21
26
33
+ 10
– 2
ns
tARPW
CPLD register clear
or preset pulse width
10
20
29
+ 10
ns
tARD
CPLD array delay
Any
macrocell
11
16
22
+ 2
ns
1.
Fast Slew Rate output available on PA3-PA0, PB3-PB0, and PD2-PD0. Decrement times by given amount.
Table 49.
CPLD combinatorial timing (3 V devices)
Symbol
Parameter
Conditions
-12
-15
-20
PT
Aloc
Turbo
off
Slew
rate
(1)
Unit
Min Max Min Max Min Max
tPD
CPLD input
pin/feedback to
CPLD combinatorial
output
40
45
50
+ 4
+ 20
– 6
ns
tEA
CPLD input to CPLD
output enable
43
45
50
+ 20
– 6
ns
tER
CPLD input to CPLD
output disable
43
45
50
+ 20
– 6
ns
tARP
CPLD register clear
or preset delay
40
43
48
+ 20
– 6
ns
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com