Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD813F2 Datasheet(PDF) 70 Page - STMicroelectronics

Part # PSD813F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 66Page - STMicroelectronics PSD813F2 Datasheet HTML 67Page - STMicroelectronics PSD813F2 Datasheet HTML 68Page - STMicroelectronics PSD813F2 Datasheet HTML 69Page - STMicroelectronics PSD813F2 Datasheet HTML 70Page - STMicroelectronics PSD813F2 Datasheet HTML 71Page - STMicroelectronics PSD813F2 Datasheet HTML 72Page - STMicroelectronics PSD813F2 Datasheet HTML 73Page - STMicroelectronics PSD813F2 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 128 page
background image
I/O ports
PSD8XXFX
70/128
Doc ID 7833 Rev 7
Address Out
Yes (A7 – 0)
Yes (A7 – 0)
or (A15 – 8)
No
No
Address In
Yes
Yes
Yes
Yes
Data port
Yes (D7 – 0)
No
No
No
Peripheral I/O
Yes
No
No
No
JTAG ISP
No
No
Yes(1)
No
1.
Can be multiplexed with other I/O functions.
Table 20.
Port operating modes (continued)
Port mode
Port A
Port B
Port C
Port D
Table 21.
Port operating mode settings
Mode
Defined in
PSDabel
Defined in PSD
configuration
Control
register
setting
Direction
register
setting
VM
register
setting
JTAG Enable
MCU I/O
Declare pins only
N/A(1)
0
1 = output,
0 = input(2)
N/A
N/A
PLD I/O
Logic equations
N/A
N/A
(2)
N/A
N/A
Data port (Port A)
N/A
Specify bus type
N/A
N/A
N/A
N/A
Address Out
(Port A,B)
Declare pins only
N/A
1
1(2)
N/A
N/A
Address In
(Port A,B,C,D)
Logic for equation
input macrocells
N/A
N/A
N/A
N/A
N/A
Peripheral I/O
(Port A)
Logic equations
(PSEL0 & 1)
N/A
N/A
N/A
PIO bit = 1
N/A
JTAG ISP(3)
JTAGSEL
JTAG
Configuration
N/A
N/A
N/A
JTAG_Enable
1.
N/A = Not Applicable
2.
The direction of the port A,B,C, and D pins are controlled by the Direction register ORed with the individual output enable
product term (.oe) from the CPLD AND Array.
3.
Any of these three methods enables the JTAG pins on port C.
Table 22.
I/O port Latched address output assignments
MCU
Port A (PA3-PA0)
Port A (PA7-PA4)
Port B (PB3-PB0)
Port B (PB7-PB4)
8051XA (8-Bit)
N/A(1)
Address a7-a4
Address a11-a8
N/A
80C251
(Page mode)
N/A
N/A
Address a11-a8
Address a15-a12
All Other
8-Bit Multiplexed
Address a3-a0
Address a7-a4
Address a3-a0
Address a7-a4
8-Bit
Non-Multiplexed bus
N/A
N/A
Address a3-a0
Address a7-a4
1.
N/A = Not Applicable
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com