Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4216 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 3Page - Cirrus Logic CS4216 Datasheet HTML 4Page - Cirrus Logic CS4216 Datasheet HTML 5Page - Cirrus Logic CS4216 Datasheet HTML 6Page - Cirrus Logic CS4216 Datasheet HTML 7Page - Cirrus Logic CS4216 Datasheet HTML 8Page - Cirrus Logic CS4216 Datasheet HTML 9Page - Cirrus Logic CS4216 Datasheet HTML 10Page - Cirrus Logic CS4216 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
A/D Decimation Filter Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Passband
(Fs is conversion freq.)
0
-
0.45Fs
Hz
Frequency Response
-0.5
-
+0.2
dB
Passband Ripple
-
-
±0.2
dB
Transition Band
0.45Fs
-
0.55Fs
Hz
Stop Band
≥ 0.55Fs
-
-
Hz
Stop Band Rejection
80
-
-
dB
Group Delay
-
16/Fs
-
s
Group Delay Variation vs. Frequency
-
0.0
µs
D/A Interpolation Filter Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Passband
(Fs is conversion freq.)
0
-
0.45Fs
Hz
Frequency Response
-0.5
-
+0.2
dB
Passband Ripple
-
-
±0.1
dB
Transition Band
0.45Fs
-
0.55Fs
Hz
Stop Band
≥ 0.55Fs
-
-
Hz
Stop Band Rejection
74
-
-
dB
Group Delay
-
16/Fs
-
s
Group Delay Variation vs. Frequency
-
-
0.1/Fs
µs
ABSOLUTE MAXIMUM RATINGS (AGND, DGND = 0V, all voltages with respect to 0V.)
Parameter
Symbol
Min
Typ
Max
Units
Power Supplies:
Digital
VD
-0.3
-
6.0
V
Analog
VA
-0.3
-
6.0
V
Input Current
(Except Supply Pins)
-
-
±10.0
mA
Analog Input Voltage
-0.3
-
VA+0.3
V
Digital Input Voltage
-0.3
-
VD+0.3
V
Ambient Temperature
(Power Applied)
-55
-
+125
°C
Storage Temperature
-65
-
+150
°C
Warning:
Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
CS4216
DS83F2
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com