Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4216 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 36Page - Cirrus Logic CS4216 Datasheet HTML 37Page - Cirrus Logic CS4216 Datasheet HTML 38Page - Cirrus Logic CS4216 Datasheet HTML 39Page - Cirrus Logic CS4216 Datasheet HTML 40Page - Cirrus Logic CS4216 Datasheet HTML 41Page - Cirrus Logic CS4216 Datasheet HTML 42Page - Cirrus Logic CS4216 Datasheet HTML 43Page - Cirrus Logic CS4216 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
GENERAL DESCRIPTION
The CDB4216/8 was designed to provide an
easy platform for evaluating the performance of
the CS4216 and CS4218 Stereo Audio Codecs.
Since the evaluation board contains a proper lay-
out and is performance tested, the user can
concentrate on engineering the rest of the system
thereby reducing the development time. The lay-
out should also be used as a guideline for
obtaining the best possible performance from the
CS4216 or CS4218. Lastly, the board can be
used as a benchmark and debugging tool for user
developed PCBs.
The evaluation board supports all serial modes
and includes decode circuitry to ease the selec-
tion of the serial mode and sub-mode of interest.
All serial interfaces are buffered for easy connec-
tion to the serial port of a DSP or other serial
device. The board can also be placed in a loop
back mode where the digital data is looped back
allowing an analog in to analog out testing vehi-
cle without an external processor. A single +5V
supply is all that is needed to power the board.
Analog inputs consist of a pair of line input buff-
ers (LIN1, RIN1) designed to accept a maximum
audio signal of 2VRMS and BNC-to-phono
adapters are included to support various test con-
figurations. The second pair of inputs contain a
example microphone input buffer supported by
two
1/4" mono jacks that are designed to accept
standard single-ended dynamic or condenser mi-
crophones.
The line outputs are supplied via BNC connec-
tors with two more BNC-to-phono adapters.
The film plots of the evaluation board are in-
cluded to provide an example of the optimum
layout, grounding, and decoupling arrangement
for the CS4216 or CS4218.
SELECTING A SERIAL MODE
The CS4216 supports four serial modes and
many sub-modes, and the CS4218 supports three
serial modes and sub-modes. Selecting the most
appropriate mode for a given application can be
time consuming. The CDB4216/8 contains a DIP
switch that simplifies this selection. Since the
CS4216/8 contains many multifunction pins, the
DIP switch lets the user select the configuration
and two PLDs decode the proper multifunction
pin values. Since these PLDs are only used to
simplify the configuration of the device, they
would not be needed in an end application which
would hard wire the configuration pins. Table 4
describes the multifunction pin values for a
given DIP switch setting. The PAL equations for
DIP switch decoding are given in Figures 8 and
9.
All references to SM1 and SM2 apply only to
the CS4216. All references to SM3-MM, SM3-
MS, and I
2S apply only to the CS4218.
Serial Port Format
Table 1 lists the DIP switches used to select the
serial mode. SPF2 and SPF1 select one the four
serial modes of the CS4216 or one of three serial
modes for the CS4218. MA selects master
(MA = 1) or slave and is only useful in serial
modes 3 and 4. The majority of users select
SPF2
SPF1
MA
Serial Mode
00
x
SM1
Slave
01
x
SM2
Slave
10
0
SM3
Slave
1
0
1
SM3
Master
11
0
SM4
Slave
1
1
1
SM4
Master
Table 1. DIP Switch, Serial Modes
CDB4216
40
DS83DB4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com