Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4216 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 5Page - Cirrus Logic CS4216 Datasheet HTML 6Page - Cirrus Logic CS4216 Datasheet HTML 7Page - Cirrus Logic CS4216 Datasheet HTML 8Page - Cirrus Logic CS4216 Datasheet HTML 9Page - Cirrus Logic CS4216 Datasheet HTML 10Page - Cirrus Logic CS4216 Datasheet HTML 11Page - Cirrus Logic CS4216 Datasheet HTML 12Page - Cirrus Logic CS4216 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
OVERVIEW
The CS4216 contains two analog-to-digital con-
verters, two digital-to-analog converters,
adjustable input gain, and adjustable output level
control. Since the converters contain all the re-
quired filters in digital or sampled analog form,
the filters’ frequency responses track the sample
rate of the CS4216. Only a single-pole RC filter
is required on the analog inputs and outputs. The
RC filter acts as a charge reserve for the
switched-capacitor input and buffers op-amps
from a switched-capacitor load. Communication
with the CS4216 is via a serial port, with sepa-
rate pins for data into the device, and data from
the device. The filters and converters operate
over a sample rate range of 4 kHz to 50 kHz.
FUNCTIONAL SPECIFICATIONS
Analog Inputs and Outputs
Figure 1 illustrates the suggested connection dia-
gram to obtain full performance from the
CS4216. The line level inputs, LIN1 or LIN2
and RIN1 or RIN2, are selected by an internal
input multiplexer. This multiplexer is a source
selector and is not designed for switching be-
tween inputs at the sample rate.
Unused analog inputs that are not selected have
a very high input impedance, so they may be
tied to AGND directly.
Unused analog inputs
that are selected should be tied to AGND
through a 0.1
µF capacitor. This prevents any
DC current flow.
The analog inputs are single-ended and inter-
nally biased to the REFBUF voltage (nominally
2.2 V). The REFBUF output pin can be used to
level shift an input signal centered around
0 Volts as shown in Figure 2. The input buffers
shown have a gain of 0.5, yielding a full scale
input sensitivity of 2 Vrms with the CS4216 pro-
grammable gain set to 0. If the source imped-
ance is very low, then the inputs can be AC
coupled with a series 0.47
µF capacitor, elimi-
nating the need for external op-amps (see Figure
3). However, the use of AC coupling capacitors
will increase DC offset at 0dB gain (see Analog
Characteristics Table).
The analog outputs are also single-ended and
centered around the REFBUF pin. AC coupling
capacitors of >1
µF are recommended.
Line In
Right
Example
Op-Amps
are
MC34072
or
LT1013
Line In
Left
Op-amps are run
from VA+5V and
AGND
RINx
(PLCC pin 25 or 26)
REFBUF
LINx
(PLCC pin 27 or 28)
_
+
_
+
56 pF
10 k
20 k
0.47 uF
0.47 uF
0.47 uF 20 k
150
5 k
56 pF
10 k
150
0.01 uF
NPO
0.01 uF
NPO
Figure 2. DC Coupled Input.
Line In
Right
Line In
Left
0.01 uF
NPO
0.01 uF
NPO
150
150
0.47 uF
0.47 uF
RINx
(PLCC pin 25 or 26)
LINx
(PLCC pin 27 or 28)
Figure 3. AC Coupled Input
CS4216
DS83F2
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com