Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4216 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 27Page - Cirrus Logic CS4216 Datasheet HTML 28Page - Cirrus Logic CS4216 Datasheet HTML 29Page - Cirrus Logic CS4216 Datasheet HTML 30Page - Cirrus Logic CS4216 Datasheet HTML 31Page - Cirrus Logic CS4216 Datasheet HTML 32Page - Cirrus Logic CS4216 Datasheet HTML 33Page - Cirrus Logic CS4216 Datasheet HTML 34Page - Cirrus Logic CS4216 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
Power Supply
VD - Digital +5V Supply, PIN 4(L), 42(Q).
+5V digital supply.
VA - Analog +5V Supply, PIN 24(L), 18(Q).
+5V analog supply.
DGND - Digital Ground, PIN 5(L), 43(Q).
Digital ground. Must be connected to AGND with zero impedance.
CS4216
44-PIN
PLCC
(L)
Top View
SM
MF1
MF2
MF3
MF4
MF5
MF6
MF7
MF8
1
DO4
DO3
DI3
DI4
DO2
DI2
SFS1
SFS2
2
DO4
DO3
DI3
DI4
DO2
DI2
SFS1
SFS2
3
F1F2F3
MA
DO2
DI2
SFS1
SFS2
4-SL
CDOUT
CDIN
CCLK
CCS
INT
F1
SFS1
SFS2
4-MA
CDOUT
CDIN
CCLK
CCS
INT
F1F2F3
SSYNC
RESET
SCLK
CLKIN
SDOUT
VD
SDIN
DGND
SMODE3
NC
MF1:DO4/F1/CDOUT
NC
MF2:DO3/F2/CDIN
NC
MF5:DO2/INT
NC
DO1
NC
MF4:DI4/MA/CCS
NC
MF3:DI3/F3/CCLK
NC
MF6:DI2/F1
PDN
DI1
NC
SMODE2
ROUT
MF7:SFS1/F2
LOUT
MF8:SFS2/F3
NC
SMODE1
NC
LIN2
NC
LIN1
REFBUF
RIN2
REFBYP
RIN1
REFGND
VA
AGND
CS4216
44-PIN
PLCC
(L)
Top View
18
20
22
24
26
28
1
2
4
640
42
44
12
8
10
14
16
7
9
11
13
15
17
29
31
33
35
37
39
34
30
32
36
38
CS4216
DS83F2
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com