Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4216 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 7Page - Cirrus Logic CS4216 Datasheet HTML 8Page - Cirrus Logic CS4216 Datasheet HTML 9Page - Cirrus Logic CS4216 Datasheet HTML 10Page - Cirrus Logic CS4216 Datasheet HTML 11Page - Cirrus Logic CS4216 Datasheet HTML 12Page - Cirrus Logic CS4216 Datasheet HTML 13Page - Cirrus Logic CS4216 Datasheet HTML 14Page - Cirrus Logic CS4216 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
Alternatively, soft power down may be initiated,
in slave mode, by reducing the SCLK frequency
below the minimum CLKIN/12. In soft power
down the analog outputs are muted and the serial
data from the codec will indicate invalid data
and the appropriate error code. The parallel bit
I/O is still functional in soft power down mode.
This is, in effect, a low power mode with only
the parallel bit I/O unit functioning.
Audio Serial Interface
In serial modes 1, 2, and 3, the audio serial port
uses 4 pins: SDOUT, SDIN, SCLK and SSYNC.
SDIN carries the D/A converters’ input data and
control bits. Input data is ignored for frames not
allocated to the selected CS4216. SDOUT car-
ries the A/D converters’ output data and status
bits. SDOUT goes to a high-impedance state
during frames not allocated to the selected
CS4216. SCLK clocks data in to and out of the
CS4216. The rising edge of SCLK clocks data
out on SDOUT. The falling edge latches data on
SDIN into the port (SCLK polarity is inverted in
Serial Modes 1&2). SSYNC indicates the start of
a frame and/or sub-frame.
SCLK and SSYNC
must be synchronous to the master clock.
Serial mode 4 is similar to serial mode 3 with
the exception of the control information. In serial
mode 4 the control information is entered
through a separate asynchronous control port.
Therefore, the audio serial port only contains
audio data which reduces the number of bits on
the audio port from 64 to 32 per codec.
The serial port protocol is based on frames con-
sisting of 1, 2, or 4 sub-frames. The frame rate is
the system sample rate. Each sub-frame is used
by one CS4216 device. Up to 4 CS4216s may be
attached to the same serial control lines. SFS1
and SFS2 are tied low or high to indicate to each
CS4216 which sub-frame is allocated for it to
use.
Serial Data Format
In serial modes 1, 2, and 3, a sub-frame is
64 bits in length and consists of two 16-bit audio
values and two 16-bit control fields. In serial
mode 4 a sub-frame is 32 bits in length and only
contains the two 16-bit audio values; the control
data is loaded through a separate port. The audio
data is MSB first, 2’s complement format. The
sub-frame bit assignments for serial modes 1, 2,
and 3, are numbered 1 through 64 and are shown
in Figures 5 and 6. Control data bits all reset to
zero.
CS4216 SERIAL INTERFACE MODES
The CS4216 has 4 serial port modes, selected by
the SMODE1, SMODE2 and SMODE3 pins. In
all modes, CLKIN, SCLK and SSYNC must be
derived from the same clock source. SM1 is an
easy interface to ASICs that use a change in the
SCLK-to-CLKIN ratio to determine the sample
SMODE PINS
Serial
SCLK Bit
Sub-frame
Bits per
SCLK &
Master
3
2
1
Mode
Center
Width
Frame (BPF)
SSYNC
Frequency
0
0
0
SM1
Rising
64 bits
256
Slave
CLKIN = 512
×Fs
0
0
1
SM2
Rising
64 bits
256
Slave
SCLK = 256
×Fs
0
1
0
SM3
Falling
64 bits
64/128/256 Master/Slave
CLKIN/SCLK = 256
×Fs
011
Factory Test mode
1
x
x
SM4
Falling
32 bits
†
32/64/128
†
Master/Slave
CLKIN = 256
×Fs
†Contains audio data only. Control information is entered through a separate serial port.
Table 1. Serial Port Modes
CS4216
DS83F2
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com