| Electronic Components Datasheet Search |
|
CS4216 Datasheet(PDF) 14 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4216 Datasheet(HTML) 14 Page - Cirrus Logic |
|
14 / 58 page ![]() frequency. SM2 is similar to SM1 except that CLKIN is not used and SCLK becomes the mas- ter clock and is fixed at 256 ×Fs. SM3 was designed as an easy interface to general purpose DSPs and provides extra features such as one more bit of attenuation, a master mode, and vari- able frame sizes. SM4 is similar to SM3 but splits the audio data from the control data thereby reducing the audio serial bus bandwidth by half. The control data is transmitted through a control serial port in SM4. Table 1 lists the serial port modes available, along with some of the differences between modes. The first three columns in Table 1 select the serial mode. The "SCLK Bit Center" column indicates whether SCLK is rising or falling in the center of a bit period. The "Sub-frame Width" column indicates how many bits are in an individual codec’s sub-frame. SM4 differs from all other modes by separating the control data from the audio data. In both SM1 and SM2, there are 256 bits per frame which allows up to four codecs to occupy the same bus. In SM3 and SM4, the number of bits per frame is program- mable. In SM1 and SM2, SCLK and SSYNC must be generated externally; whereas, in SM3 and SM4 the CS4216 can optionally generate those signals. In all modes, SCLK and SSYNC must be synchronous to the master clock. The last column in Table 1 lists the master frequency used by the codec. In SM1, the master fre- quency, input on CLKIN, is 512 times the highest sample frequency available. In SM2, the master frequency is fixed at 256 times the sam- ple frequency and, in this mode, SCLK is the master clock. In SM3, the master frequency is 256 times the highest frequency available and is input on CLKIN or SCLK, based on the sub- mode used. In SM4, the master frequency is also 256 times the highest frequency available and is input on CLKIN. SERIAL MODE 1, SM1 Serial Mode 1 is a slave mode selected by set- ting SMODE3 = SMODE2 = SMODE1 = 0. SCLK and SYNC must be synchronous the mas- ter clock. SM1 uses a two bit wide (minimum) frame sync with an optional word sync. In this mode, SSYNC low for one SCLK period fol- lowed by SSYNC high for a minimum of two SCLK periods indicates the beginning of a frame. The first bit of the frame starts with the rising edge of SSYNC. An optional word sync, being one SCLK period high, may be used to indicate the start of a new 32-bit word. Figures 5 and 6 contain the serial data format for SM1. In this serial mode, the ratio of two clocks are used to select sample frequency. These are the master clock CLKIN and the serial clock SCLK. CLKIN should be set to 512 ×Fsmax, where Fsmax is the maximum required sample rate. SCLK must be externally set to a value of CLKIN/N, such that SCLK equals 256 times the desired sample rate. The codec uses the ratio be- tween CLKIN and SCLK to set the internal sample frequency and causes the CS4216 to go into soft power down mode if the SCLK fre- quency drops to <CLKIN/12. Even if only 1 CS4216 is used, the timing for 4 devices must be maintained. Table 2 shows some example sample rates for SM1. Sample Rate SCLK CLKIN N kHz MHz MHz 48 12.288 24.576 2 32 8.192 24.576 3 24 6.144 24.576 4 19.2 4.9152 24.576 5 16 4.096 24.576 6 12 3.072 24.576 8 9.6 2.4576 24.576 10 8 2.048 24.576 12 7.2 1.843 22.116 12 44.1 11.2896 22.5792 2 Table 2. SM1 - Example Clock Frequencies CS4216 14 DS83F2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |