Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4216 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 34Page - Cirrus Logic CS4216 Datasheet HTML 35Page - Cirrus Logic CS4216 Datasheet HTML 36Page - Cirrus Logic CS4216 Datasheet HTML 37Page - Cirrus Logic CS4216 Datasheet HTML 38Page - Cirrus Logic CS4216 Datasheet HTML 39Page - Cirrus Logic CS4216 Datasheet HTML 40Page - Cirrus Logic CS4216 Datasheet HTML 41Page - Cirrus Logic CS4216 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
APPENDIX A
This data sheet describes version 1 of the CS4216. Therefore, this appendix is included to describe the
differences between version 0 and version 1. This information is only useful for users that still have
version 0 since version 1 devices will supplant the earlier version. The version number is contained in
the serial data line, bits 29 - 32 on SDOUT in SM1-SM3 and, bits 17 - 20 on CDOUT in SM4. The
version number can also be identified by the revision letter stamped on the top of the actual chip. The
revision letter immediately precedes the data code on the second line of the package marking (See
General Information section of the Crystal Data Book). Version 0 corresponds to chip revision A, and
version 1 corresponds to chip revisions B, and C. The functionally and performance of revisions B
and C are identical. Likewise, future chip revisions (i.e. D, E, F, . . .) may still be version 1 since the
version number only changes if there is a software change to the part.
Functional Differences Between Version 0 (Rev. A) and Version 1 (Revs. B, C)
1. In version 0, serial mode 4 (SM4) does not exist; the SMODE3 pin is a no connect. In version 1 the
SMODE3 pin contains an internal pull-down resistor making this version backwards compatible with
version 0 sockets.
2. SSYNC on version 0 must be ONLY one SCLK period high in SM3 or 2 SCLK periods high in
SM1 and SM2 to indicate the start of a frame. Also, on version 0 in SM1 or SM2, SSYNC must be
EXACTLY one SCLK period high, at the beginning of each word. In version 1, SSYNC can be high
for an arbitrary number of SCLKs beyond the one in SM3 or two in SM1 and SM2. Also in SM1 and
SM2, the one-SCLK-wide SSYNCs at each word are not needed. In version 1, SM3 and SM4, the
codec only looks for a low-to-high edge of SSYNC to start a frame; in SM1 and SM2 a low-to-high
edge of SSYNC, being high for two SCLK periods, starts a frame.
CS4216
38
DS83F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com