Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4216 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 19Page - Cirrus Logic CS4216 Datasheet HTML 20Page - Cirrus Logic CS4216 Datasheet HTML 21Page - Cirrus Logic CS4216 Datasheet HTML 22Page - Cirrus Logic CS4216 Datasheet HTML 23Page - Cirrus Logic CS4216 Datasheet HTML 24Page - Cirrus Logic CS4216 Datasheet HTML 25Page - Cirrus Logic CS4216 Datasheet HTML 26Page - Cirrus Logic CS4216 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
per frame, Master sub-mode) reduces the DSP
interrupts in half since the control data is split
from the audio data. This circuit is comprised of
three independent sections which may individu-
ally be eliminated if not needed.
To load control data into the codec, three
HC597’s are utilized. These are both latches that
store the DSP-sent control data, and shift regis-
ters that shift the data into the codec. The codec
uses an inverted SSYNC signal to copy the
latches to the shift registers every frame. In this
diagram the DSP is assumed to have a data bus
bandwidth of at least 24 bits. If the DSP has less
than 24_bits, the three HC597s must be split into
two addresses. Since the HC597 internal latches
are copied to the shift registers, the latches con-
tinually hold the DSP-sent data; therefore, the
DSP only needs to write data to the latches when
a change is desired.
The second section is comprised of an HC595
shift register and latch that is clocked by an in-
verted SCLK The data shifted into the HC595 is
transferred to the HC595’s latch by the SSYNC
signal. This HC595 captures the 8 bits prior to
the SSYNC signal (which is also MF4:CCS) go-
ing high. As shown in Figure 14, and assuming
the MF4:CCS (SSYNC) signal rises at bit 32,
the 8-bits prior to MF4:CCS rising are a copy of
all the important status bits. This allows one shift
register to capture all the important information.
The interrupt pin cannot reliably be used in this
configuration since the interrupt pin is cleared by
reading the control port which occurs asynchro-
Micro-
Controller
Serial
Port
General
Purpose
Port
Pins
IRQ
DSP
SDOUT
SDIN
SSYNC
SCLK
CS4216
MF1:CDOUT
MF2:CDIN
MF4:CCS
MF3:CCLK
RESET
MF8:F3
MF7:F2
MF6:F1
MF5:INT
SM4
VD+
43
42
1
44
40
39
36
35
38
2
34
31
30
Figure 15. SM4 - Microcontroller Interface
DSP
SDOUT
SDIN
SSYNC
SCLK
CS4216
MF1:CDOUT
MF2:CDIN
MF4:CCS
MF3:CCLK
MF5:INT
SM4
VD+
RESET
MF8:F3
MF7:F2
MF6:F1
Hard Wired or
DIP Switch
selectable
32 BPF
43
42
1
44
35
36
38
40
39
2
34
31
30
Figure 16. SM4 - Minimum DSP Interface
CS4216
DS83F2
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com