Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4216 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 29Page - Cirrus Logic CS4216 Datasheet HTML 30Page - Cirrus Logic CS4216 Datasheet HTML 31Page - Cirrus Logic CS4216 Datasheet HTML 32Page - Cirrus Logic CS4216 Datasheet HTML 33Page - Cirrus Logic CS4216 Datasheet HTML 34Page - Cirrus Logic CS4216 Datasheet HTML 35Page - Cirrus Logic CS4216 Datasheet HTML 36Page - Cirrus Logic CS4216 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
SSYNC - Serial Port Sync Signal, PIN 1(L), 39(Q).
Indicates the start of a digital audio frame in SM3 and SM4, and also the start of a word in
SM1 & SM2.
SMODE1 - Serial Mode Select, PIN 29(L), 23(Q).
One of three pins that select the serial mode and function of the multifunction pins.
SMODE2 - Serial Mode Select, PIN 32(L), 26(Q).
One of three pins that select the serial mode and function of the multifunction pins.
SMODE3 - Serial Mode Select, PIN 41(L), 35(Q).
One of three pins that select the serial mode and function of the multifunction pins. This pin
has an internal pull-down making this revision backwards compatible with a previous version
(Revision A or Version3-Version0 bits = 0000).
Multifunction Digital Pins
MF1:DO4 - Parallel Digital Bit Output #4 in SM1/SM2, PIN 40(L), 34(Q).
In serial modes 1 and 2 this pin reflects the value of the DO4 bit in the sub-frame.
MF1:F1 - Format bit 1 in SM3, PIN 40(L), 34(Q).
In serial mode 3 this pin is a format bit and is used as one of three sample frequency select pins
when in master mode, or as one of two bits-per-frame select pins when in slave mode.
MF1:CDOUT - Control Data Output in SM4, PIN 40(L), 34(Q).
In serial mode 4 this pin is the data output for the control port which contains status
information.
MF2:DO3 - Parallel Digital Bit Output #3 in SM1/SM2, PIN 39(L), 33(Q).
In serial modes 1 and 2 this pin reflects the value of the DO3 bit in the sub-frame.
MF2:F2 - Format bit 2 in SM3, PIN 39(L), 33(Q).
In serial mode 3 this pin is a format bit and is used as one of three sample frequency select pins
when in master mode, or as one of two bits-per-frame select pins when in slave mode.
MF2:CDIN - Control Data Input in SM4, PIN 39(L), 33(Q).
In serial mode 4 this pin is the control port data input which contains data such as gain and
attenuation settings as well as input select, mute, and digital output bits.
MF3:DI3 - Parallel Digital Bit Input #3 in SM1/SM2/SM3 (Slave), PIN 35(L), 29(Q).
In serial modes 1 and 2 this pin value is reflected in the DI3 bit in the sub-frame.
MF3:F3 - Format bit 3 in SM3 (Master), PIN 35(L), 29(Q).
In serial mode 3 this pin is a format bit and is used as one of three sample frequency select pins
when in master mode. In slave mode, the pin reverts to being a general purpose input.
MF3:CCLK - Control Data Clock in SM4, PIN 35(L), 29(Q).
In serial mode 4 this pin is the control port serial bit clock which latches data from CDIN on
the falling edge, and outputs data onto CDOUT on the rising edge.
CS4216
DS83F2
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com