Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4216 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 42Page - Cirrus Logic CS4216 Datasheet HTML 43Page - Cirrus Logic CS4216 Datasheet HTML 44Page - Cirrus Logic CS4216 Datasheet HTML 45Page - Cirrus Logic CS4216 Datasheet HTML 46Page - Cirrus Logic CS4216 Datasheet HTML 47Page - Cirrus Logic CS4216 Datasheet HTML 48Page - Cirrus Logic CS4216 Datasheet HTML 49Page - Cirrus Logic CS4216 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
LOUT and ROUT. As with the line inputs, BNC-
to-phono adapters are provided for flexibility.
The line outputs can drive an impedance of
10 k
Ω or more, which is the typical input imped-
ance of most audio gear.
AUDIO PORT HEADER
The CDB4216/8 is primarily designed to evalu-
ate the CS4216/8 in single chip mode, i.e. only
one codec on the serial bus. This is the factory
default state of the CDB4216/8.
The audio port header J15 provides all buffered
signals necessary to connect to the serial port of
a DSP or other controller (see Figure 4). SDOU-
TUB can provide an unbuffered version of
SDOUT which can be used when connecting
multiple codecs on the same bus. The default
configuration does not connect SDOUTUB
which may be connected to the SDOUT of the
CS4216/8 through J17 jumper.
The eval board supports both master and slave
sub-modes. In master sub-modes, SSYNC and
SCLK are output (and buffered) from the
CS4216/8. In slave sub-modes, SSYNC and
SCLK must be provided externally and must be
synchronous to the master clock CLKIN.
R32
20
R31
20
A0
A3
A2
A1
OEA
OEB
B3
B2
B1
B0
SSYNC
SCLK
R39
20
R44
10
R10
10
J17
U6
74HC243
CFSIN
R40
20
R41
20k
R49
100
9
13
8
4
J16
MF5
VD
PDN
J15
SDOUTUB
SDOUT
SDIN
SCLK
SSYNC
R46
47.5k
R42
28k
VD
D2
R38
806
SSYNC
SCLK
SDOUT
SDIN
DI1
MF1
MF2
MF5
PDN
DO1
CS4216
1
44
43
42
33
40
39
38
13
37
4
16
8
12
614
317
515
2
18
9
11
713
8
9
10
11
1
13
6
5
4
3
MF1b
DI1
DI4
DI3
DI2
J13
DI4
DI3
DI2
DI1
DO4
DO3
DO2
DO1
MF1a
MF2
1
19
U7
74HC541
OE1
OE2
J18
U
B
DO1
Q1
237k
R9
74HC541
U7
Figure 4. Serial Port Headers
CDB4216
46
DS83DB4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com