Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4224 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4224
Description  24-Bit 105 dB Audio Codec with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4224 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4224 Datasheet HTML 2Page - Cirrus Logic CS4224 Datasheet HTML 3Page - Cirrus Logic CS4224 Datasheet HTML 4Page - Cirrus Logic CS4224 Datasheet HTML 5Page - Cirrus Logic CS4224 Datasheet HTML 6Page - Cirrus Logic CS4224 Datasheet HTML 7Page - Cirrus Logic CS4224 Datasheet HTML 8Page - Cirrus Logic CS4224 Datasheet HTML 9Page - Cirrus Logic CS4224 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
CS4223 CS4224
6
DS290PP3
DIGITAL CHARACTERISTICS (T
A = 25° C; VA, VD = 4.75V - 5.25V)
ABSOLUTE MAXIMUM RATINGS (AGND, DGND = 0 V, all voltages with respect to 0 V.)
RECOMMENDED OPERATING CONDITIONS
(AGND, DGND = 0 V, all voltages with respect to 0 V.)
Notes: 8. Any pin except supplies. Transient currents of up to 100 mA on the analog input pins will not cause SCR
latch-up.
9. The maximum over or under voltage is limited by the input current.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Parameter
Symbol
Min
Max
Unit
High-level Input Voltage
VL = 5V
VL = 3V
VIH
VIH
2.8
2.0
VL + 0.3
VL + 0.3
V
V
Low-level Input Voltage
VIL
-0.3
0.8
V
High-level Output Voltage at IO = -2.0 mA
VOH
VL - 1.0
-
V
Low-level Output Voltage at IO = 2.0 mA
VOL
-0.5
V
Input Leakage Current
Digital Inputs
-
10
µA
Output Leakage Current
High Impedance Digital Outputs
-
10
µA
Parameter
Symbol
Min
Max
Unit
Power Supplies
Digital
Analog
VD
VA
-0.3
-0.3
6.0
6.0
V
V
Input Current
(Note 8)
-
±10
mA
Analog Input Voltage
(Note 9)
-0.7
VA + 0.7
V
Digital Input Voltage
(Note 9)
-0.7
VD + 0.7
V
Ambient Temperature
Power Applied
-55
+125
°C
Storage Temperature
-65
+150
°C
Parameter
Symbol
Min
Typ
Max
Unit
Power Supplies
Digital
Analog
Digital
| VA - VD |
VD
VA
VL
4.75
4.75
2.7
-
5.0
5.0
5.0
-
5.25
5.25
5.25
0.4
V
V
V
V
Ambient Operating Temperature
Commercial (KS)
Industrial (BS)
TAC
TAI
-10
-40
25
25
70
85
°C
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com