Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4224 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4224
Description  24-Bit 105 dB Audio Codec with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4224 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4224 Datasheet HTML 5Page - Cirrus Logic CS4224 Datasheet HTML 6Page - Cirrus Logic CS4224 Datasheet HTML 7Page - Cirrus Logic CS4224 Datasheet HTML 8Page - Cirrus Logic CS4224 Datasheet HTML 9Page - Cirrus Logic CS4224 Datasheet HTML 10Page - Cirrus Logic CS4224 Datasheet HTML 11Page - Cirrus Logic CS4224 Datasheet HTML 12Page - Cirrus Logic CS4224 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
CS4223 CS4224
DS290PP3
9
SWITCHING CHARACTERISTICS - CONTROL PORT - I2C MODE (CS4224)
(TA = 25° C; VA, VD = 4.75 V - 5.25 V; Inputs: Logic 0 = DGND, Logic 1 = VD; CL = 30 pF)
Notes: 15. Not tested but guaranteed by design.
16. Data must be held for sufficient time to bridge the 300 ns transition time of SCL.
Parameter
Symbol
Min
Max
Unit
I2C® Mode (SPI/I2C = 1)
SCL Clock Frequency
fscl
-100
kHz
RST rising edge to Start
(Note 15)
tirs
50
-
µs
Bus Free Time between transmissions
tbuf
4.7
-
µs
Start Condition Hold Time (prior to first clock pulse)
thdst
4.0
-
µs
Clock Low Time
tlow
4.7
-
µs
Clock High Time
thigh
4.0
-
µs
Setup time for repeated Start Condition
tsust
4.7
-
µs
SDA hold time for SCL falling
(Note 16)
thdd
0-
µs
SDA setup time to SCL rising
tsud
250
-
ns
Rise time of SCL
trc
-25
ns
Fall time of SCL
tfc
-25
ns
Rise time of SDA
trd
-1
µs
Fall time of SDA
tfd
-300
ns
Setup time for Stop Condition
tsusp
4.7
-
µs
t
buf
t
hdst
t
hdst
t
low
t rc
t fc
t
hdd
t high
t sud
t sust
t susp
Stop
Start
Start
Stop
Repeated
SDA
SCL
t
irs
RST
t rd
t fd
Figure 3. I2C Control Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com