Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4224 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS4224
Description  24-Bit 105 dB Audio Codec with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4224 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS4224 Datasheet HTML 16Page - Cirrus Logic CS4224 Datasheet HTML 17Page - Cirrus Logic CS4224 Datasheet HTML 18Page - Cirrus Logic CS4224 Datasheet HTML 19Page - Cirrus Logic CS4224 Datasheet HTML 20Page - Cirrus Logic CS4224 Datasheet HTML 21Page - Cirrus Logic CS4224 Datasheet HTML 22Page - Cirrus Logic CS4224 Datasheet HTML 23Page - Cirrus Logic CS4224 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
CS4223 CS4224
20
DS290PP3
7. PIN DESCRIPTIONS — CS4224
1
2
3
4
5
6
7
821
22
23
24
25
26
27
28
NC
RST
AOUTL-
AOUTL+
AOUTR+
AOUTR-
AGND
VA
SDOUT
DGND
VD
SCLK
LRCK
XTI
XTO
NC
9
10
11
12
17
18
19
20
AINL+
AINL-
I2C/SPI
AINR+
AD0/CS
SDA/CDIN
SCL/CCLK
SDIN
13
14
15
16
AINR-
NC
NC
VL
CS4224
NC
1,14,15, 28 No Connect - These pins are not connected internally and should be tied to DGND to mini-
mize noise coupling.
XTI, XTO
2,3
Crystal Connections (
Input/Output) - Input and output connections for the crystal used to
clock the CS4224. Alternatively a clock may be input into XTI. This is the clock source for the
delta-sigma modulator and digital filters. The frequency of this clock must be either 256x, 384x,
or 512x Fs. The default XTI setting in Master Mode is 256x, but this may be changed to 384x
or 512x through the Control Port.
LRCK
4
Left/Right Clock (
Input) - Determines which channel is currently being input/output of the
serial audio data pins SDIN/SDOUT. The frequency of the Left/Right clock must be equal to the
input sample rate. Although the outputs for each ADC channel are transmitted at different
times, Left/Right pairs represent simultaneously sampled analog inputs. The required relation-
ship between the left/right clock, serial clock and serial data is defined by the DSP Port Mode
(05h) register. The options are detailed in Figures 8 - 11.
SCLK
5
Serial Data Clock (
Input) - Clocks the individual bits of the serial data into the SDIN pin and
out of the SDOUT pin. The required relationship between the left/right clock, serial clock and
serial data is defined by the DSP Port Mode (05h) register. The options are detailed in Figures
8 - 11.
VD
6
Digital Power (
Input) - Positive power supply for the digital section. Typically 5.0 VDC.
DGND
7
Digital Ground (
Input) - Digital ground for the digital section.
Fs (kHz)
XTI (MHz)
256x
384x
512x
32
8.1920
12.2880
16.3840
44.1
11.2896
16.9344
22.5792
48
12.2880
18.4320
24.5760
Table 5. Common Clock Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com