Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4224 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS4224
Description  24-Bit 105 dB Audio Codec with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4224 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS4224 Datasheet HTML 19Page - Cirrus Logic CS4224 Datasheet HTML 20Page - Cirrus Logic CS4224 Datasheet HTML 21Page - Cirrus Logic CS4224 Datasheet HTML 22Page - Cirrus Logic CS4224 Datasheet HTML 23Page - Cirrus Logic CS4224 Datasheet HTML 24Page - Cirrus Logic CS4224 Datasheet HTML 25Page - Cirrus Logic CS4224 Datasheet HTML 26Page - Cirrus Logic CS4224 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
CS4223 CS4224
DS290PP3
23
Once RST goes high, the control port is functional
and the desired settings should be loaded.
The CS4223/4 will also enter power down mode if
the master clock source stops for approximately
10 µs or if the LRCK is not synchronous to the
master clock. The control port will retain its current
settings.
The CS4223/4 will mute the analog outputs and en-
ter the power down mode if the supply drops below
approximately 4 volts.
8.8
Control Port Interface (CS4224 only)
The control port is used to load all the internal set-
tings. The operation of the control port may be
completely asynchronous with the audio sample
rate. However, to avoid potential interference prob-
lems, the control port pins should remain static if
no operation is required.
The control port has 2 modes: SPI® and I2C®, with
the CS4224 operating as a slave device. The con-
trol port interface format is selected by the SPI/I2C
pin.
8.8.1
SPI Mode
In SPI mode, CS is the CS4224 chip select signal,
CCLK is the control port bit clock, CDIN is the in-
put data line from the microcontroller and the chip
address is 0010000. All signals are inputs and data
is clocked in on the rising edge of CCLK.
Figure 6 shows the operation of the control port in
SPI mode. To write to a register, bring CS low. The
first 7 bits on CDIN form the chip address, and
must be 0010000. The eighth bit is a read/write in-
dicator (R/W), which must be low to write. Regis-
ter reading from the CS4224 is not supported in the
SPI mode. The next 8 bits form the Memory Ad-
dress Pointer (MAP), which is set to the address of
the register that is to be updated. The next 8 bits are
the data which will be placed into a register desig-
nated by the MAP.
The CS4224 has a MAP auto increment capability,
enabled by the INCR bit in the MAP register. If
INCR is a zero, then the MAP will stay constant for
successive writes. If INCR is set to a 1, then MAP
will auto increment after each byte is written, al-
lowing block writes of successive registers. Regis-
ter reading from the CS4224 is not supported in the
SPI mode.
8.8.2
I
2C Mode
In I2C mode, SDA is a bidirectional data line. Data
is clocked into and out of the part by the clock,
SCL, with the clock to data relationship as shown
in Figure 7. There is no CS pin. Pin AD0 forms the
partial chip address and should be tied to VD or
DGND as desired. The upper 6 bits of the 7 bit ad-
dress field must be 001000. In order to communi-
cate with the CS4224, the LSB of the chip address
field (first byte sent to the CS4224) should match
the setting of the AD0 pin. The eighth bit of the ad-
dress byte is the R/W bit (high for a read, low for a
write). If the operation is a write, the next byte is
the Memory Address Pointer which selects the reg-
ister to be read or written. If the operation is a read,
the contents of the register pointed to by the Mem-
ory Address Pointer will be output. Setting the auto
increment bit in MAP, allows successive reads or
writes of consecutive registers. Each byte is sepa-
rated by an acknowledge bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com