Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4224 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS4224
Description  24-Bit 105 dB Audio Codec with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4224 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS4224 Datasheet HTML 8Page - Cirrus Logic CS4224 Datasheet HTML 9Page - Cirrus Logic CS4224 Datasheet HTML 10Page - Cirrus Logic CS4224 Datasheet HTML 11Page - Cirrus Logic CS4224 Datasheet HTML 12Page - Cirrus Logic CS4224 Datasheet HTML 13Page - Cirrus Logic CS4224 Datasheet HTML 14Page - Cirrus Logic CS4224 Datasheet HTML 15Page - Cirrus Logic CS4224 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
CS4223 CS4224
12
DS290PP3
4. REGISTER QUICK REFERENCE - CS4224
Addr
Function
7
6
5
4
3
2
1
0
0h
Reserved
Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved
default
0
0
0
0
0
0
0
0
1h
ADC Control
PDN
HPDR
HPDL
ADMR
ADML
CAL
CALP
CLKE
default
0
0
0
0
0
0
0
0
2h
DAC Control
Reserved
MUTC
MUTR
MUTL
SOFT
Reserved
RMP1
RMP0
default
0
0
0
0
0
0
0
0
3h-4h Output Attenuator
Level
ATT7
ATT6
ATT5
ATT4
ATT3
ATT2
ATT1
ATT0
default
0
0
0
0
0
0
0
0
5h
DSP Port Mode
Reserved
DEM1
DEM0
DSCK
DOF1
DOF0
DIF1
DIF0
default
0
0
0
0
0
0
0
0
6h
Converter Status
Report
ACCR
ACCL
LVR2
LVR1
LVR0
LVL2
LVL1
LVL0
default
0
0
0
0
0
0
0
0
7h
Master Clock Con-
trol
Reserved Reserved Reserved Reserved Reserved Reserved
MCK1
MCK0
default
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com