Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4224 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS4224
Description  24-Bit 105 dB Audio Codec with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4224 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS4224 Datasheet HTML 15Page - Cirrus Logic CS4224 Datasheet HTML 16Page - Cirrus Logic CS4224 Datasheet HTML 17Page - Cirrus Logic CS4224 Datasheet HTML 18Page - Cirrus Logic CS4224 Datasheet HTML 19Page - Cirrus Logic CS4224 Datasheet HTML 20Page - Cirrus Logic CS4224 Datasheet HTML 21Page - Cirrus Logic CS4224 Datasheet HTML 22Page - Cirrus Logic CS4224 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
CS4223 CS4224
DS290PP3
19
SDIN
9
Serial Data Input (
Input) - Two’s complement MSB-first serial data is input on this pin. The
required relationship between the left/right clock, serial clock and serial data is defined by the
DIF1-0 pins. The options are detailed in Figures 8 - 11.
DIF0, DIF1
10,11
Digital Interface Format (
Input) - The required relationship between the left/right clock, serial
clock and serial data is defined by the Digital Interface Format. The options are detailed in Fig-
ures 8 - 11.
DEM0, DEM1
12,18
De-Emphasis Select (
Input) - Controls the activation of the standard 50/15 µs de-emphasis
filter. 32, 44.1, or 48 kHz sample rate selection defined in Table 4.
VL
13
Digital Logic Power (
Input) - Positive power supply for the digital interface section. Typically
3.0 to 5.0 VDC.
AINR-, AINR+
16,17
Differential Right Channel Analog Input (
Input) - The full scale analog input level (differen-
tial) is specified in the Analog Characteristics specification table and may be AC coupled or DC
coupled into the device, see Figure 12 for optional line input buffer.
AINL-, AINL+
19,20
Differential Left Channel Analog Input (
Input) - The full scale analog input level (differential)
is specified in the Analog Characteristics specification table and may be AC coupled or DC
coupled into the device, see Figure 12 for optional line input buffer.
VA
21
Analog Power (
Input) - Positive power supply for the analog section. Nominally +5 Volts.
AGND
22
Analog Ground (
Input) - Analog ground reference.
AOUTR-,
AOUTR+
23, 24
Differential Right Channel Analog Output (
Output) - The full scale analog output level (dif-
ferential) is specified in the Analog Characteristics specification table.
AOUTL-,
AOUTL+
25, 26
Differential Left Channel Analog Output (
Output) - The full scale analog output level (differ-
ential) is specified in the Analog Characteristics specification table.
RST
27
Reset (
Input) - When low, the device enters a low power mode and all internal registers are
reset, including the control port. When high, the control port becomes operational and normal
operation will occur.
DIF1
DIF0
DESCRIPTION
FORMAT
FIGURE
00
I2S, up to 24-bit data
08
0
1
Left Justified, up to 24-bit data
1
9
1
0
Right Justified, 24-bit Data
2
10
1
1
Right Justified, 20-bit Data
3
11
Table 3. Digital Interface Format - DIF1 and DIF0
DEM0
DEM1
De-Emphasis
0
0
32 kHz
0
1
44.1 kHz
1
0
48 kHz
1
1
Disabled
Table 4. De-emphasis Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com