Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4224 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS4224
Description  24-Bit 105 dB Audio Codec with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4224 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS4224 Datasheet HTML 24Page - Cirrus Logic CS4224 Datasheet HTML 25Page - Cirrus Logic CS4224 Datasheet HTML 26Page - Cirrus Logic CS4224 Datasheet HTML 27Page - Cirrus Logic CS4224 Datasheet HTML 28Page - Cirrus Logic CS4224 Datasheet HTML 29Page - Cirrus Logic CS4224 Datasheet HTML 30Page - Cirrus Logic CS4224 Datasheet HTML 31Page - Cirrus Logic CS4224 Datasheet HTML 32Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
CS4223 CS4224
DS290PP3
29
10. PARAMETER DEFINITIONS
Dynamic Range
The ratio of the full scale rms value of the signal to the rms sum of all other spectral components over the
specified bandwidth. Dynamic range is a signal-to-noise measurement over the specified bandwidth
made with a -60 dBFS signal. 60 dB is then added to the resulting measurement to refer the measurement
to full scale. This technique ensures that the distortion components are below the noise level and do not
affect the measurement. This measurement technique has been accepted by the Audio Engineering So-
ciety, AES17-1991, and the Electronic Industries Association of Japan, EIAJ CP-307.
Total Harmonic Distortion + Noise
The ratio of the rms value of the signal to the rms sum of all other spectral components over the specified
bandwidth (typically 20 Hz to 20 kHz), including distortion components. Expressed in decibels. ADCs are
measured at -1 dBFS as suggested in AES17-1991 Annex A and DACs are measured at 0 dBFS.
Idle Channel Noise / Signal-to-Noise-Ratio
The ratio of the rms analog output level with 1 kHz full scale digital input to the rms analog output level
with all zeros into the digital input. Measured A-weighted over a 10 Hz to 20 kHz bandwidth. Units in deci-
bels. This specification has been standardized by the Audio Engineering Society, AES17-1991, and re-
ferred to as Idle Channel Noise. This specification has also been standardized by the Electronic Industries
Association of Japan, EIAJ CP-307, and referred to as Signal-to-Noise-Ratio.
Total Harmonic Distortion (THD)
THD is the ratio of the test signal amplitude to the rms sum of all the in-band harmonics of the test signal.
Units in decibels.
Interchannel Isolation
A measure of crosstalk between channels. Measured for each channel at the converter’s output with no
signal to the input under test and a full-scale signal applied to the other channel. Units in decibels.
Frequency Response
A measure of the amplitude response variation from 20 Hz to 20 kHz relative to the amplitude response
at 1 kHz. Units in decibels.
Interchannel Gain Mismatch
For the ADCs, the difference in input voltage that generates the full scale code for each channel. For the
DACs, the difference in output voltages for each channel with a full scale digital input. Units are in deci-
bels.
Gain Error
The deviation from the nominal full scale output for a full scale input.
Gain Drift
The change in gain value with temperature. Units in ppm/°C.
Offset Error
For the ADCs, the deviation in LSB's of the output from mid-scale with the selected inputs tied to a com-
mon potential. For the DAC's, the differential output voltage with mid-scale input code. Units are in volts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com