Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4224 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4224
Description  24-Bit 105 dB Audio Codec with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4224 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4224 Datasheet HTML 3Page - Cirrus Logic CS4224 Datasheet HTML 4Page - Cirrus Logic CS4224 Datasheet HTML 5Page - Cirrus Logic CS4224 Datasheet HTML 6Page - Cirrus Logic CS4224 Datasheet HTML 7Page - Cirrus Logic CS4224 Datasheet HTML 8Page - Cirrus Logic CS4224 Datasheet HTML 9Page - Cirrus Logic CS4224 Datasheet HTML 10Page - Cirrus Logic CS4224 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
CS4223 CS4224
DS290PP3
7
SWITCHING CHARACTERISTICS (T
A = 25° C; VA, VD = 4.75 V - 5.25 V; outputs loaded with
30 pF)
Notes: 10. After powering up the CS4223/4, PDN should be held low for 10 ms to allow the power supply to settle.
Parameter
Symbol
Min
Typ
Max
Unit
Audio ADC’s and DAC’s Sample Rate
Fs
4
-
50
kHz
XTI Frequency
XTI = 256, 384, or 512 Fs
1.024
-
26
MHz
XTI Pulse Width High
XTI = 512 Fs
XTI = 384 Fs
XTI = 256 Fs
13
21
31
-
-
-
-
-
-
ns
ns
ns
XTI Pulse Width Low
XTI = 512 Fs
XTI = 384 Fs
XTI = 256 Fs
13
21
31
-
-
-
-
-
-
ns
ns
ns
XTI Jitter Tolerance
-
500
-
psRMS
RST Low Time
(Note 10)
10
-
-
ms
SCLK falling edge to SDOUT output valid
DSCK = 0
tdpd
--
ns
LRCK edge to MSB valid
tlrpd
-
-
45
ns
SDIN setup time before SCLK rising edge
DSCK = 0
tds
25
-
-
ns
SDIN hold time after SCLK rising edge
DSCK = 0
tdh
25
-
-
ns
SCLK Period
tsckw
--
ns
SCLK High Time
tsckh
40
-
-
ns
SCLK Low Time
tsckl
40
-
-
ns
SCLK rising to LRCK edge
DSCK = 0
tlrckd
35
-
-
ns
LRCK edge to SCLK rising
DSCK = 0
tlrcks
40
-
-
ns
1
(384) Fs
----------------------20
+
1
(128) Fs
----------------------
sckh
sckl
sckw
t
t
t
MSB
MSB-1
*SCLK shown for DSCK = 0, SCLK inverted for DSCK = 1.
t dpd
SDOUT
LRCK
SCLK*
SDIN
dh
t
ds
t
lrpd
t
lrcks
t
lrckd
t
Figure 1. Serial Audio Port Data I/O Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com