Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4224 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS4224
Description  24-Bit 105 dB Audio Codec with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4224 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4224 Datasheet HTML 6Page - Cirrus Logic CS4224 Datasheet HTML 7Page - Cirrus Logic CS4224 Datasheet HTML 8Page - Cirrus Logic CS4224 Datasheet HTML 9Page - Cirrus Logic CS4224 Datasheet HTML 10Page - Cirrus Logic CS4224 Datasheet HTML 11Page - Cirrus Logic CS4224 Datasheet HTML 12Page - Cirrus Logic CS4224 Datasheet HTML 13Page - Cirrus Logic CS4224 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
CS4223 CS4224
10
DS290PP3
2. TYPICAL CONNECTION DIAGRAM — CS4223
AINL+
AINL-
1 µF
+
0.1 µF
2
Ω
0.1 µF + 1 µF
+5V
Supply
21
6
VA
VD
Ferrite Bead
2.2 nF
150
Ω
150
Ω
AINR+
AINR-
2.2 nF
150
Ω
150
Ω
20
19
17
16
22
7
AGND
DGND
10
11
Mode Selection
DIF1
DIF0
5
4
Audio
DSP
SCLK
LRCK
9
SDIN
8
SDOUT
Rs
Rs
CS4223
27
RST
R
= 500
Ω
NC
1
NC
14
NC
15
NC
28
Rs
Rs
s
0.1 µF + 1 µF
13
VL
+2.7 - 5V
47 k
Ω
*
* Required for
Master Mode only
Digital Audio
Source
18
25
26
AOUTL+
AOUTL-
24
23
Analog Filter
AOUTR+
AOUTR-
12
DEM0
DEM1
XTI
XTO
2
3
External
Clock Input
40 pF
40 pF
Eliminate the crystal
and capacitors when
using an external
clock input
Analog Filter
Figure 4. CS4223 Recommended Connection Diagram
(Also see
Recommended Layout Diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com