Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4224 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4224
Description  24-Bit 105 dB Audio Codec with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4224 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4224 Datasheet HTML 10Page - Cirrus Logic CS4224 Datasheet HTML 11Page - Cirrus Logic CS4224 Datasheet HTML 12Page - Cirrus Logic CS4224 Datasheet HTML 13Page - Cirrus Logic CS4224 Datasheet HTML 14Page - Cirrus Logic CS4224 Datasheet HTML 15Page - Cirrus Logic CS4224 Datasheet HTML 16Page - Cirrus Logic CS4224 Datasheet HTML 17Page - Cirrus Logic CS4224 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
CS4223 CS4224
14
DS290PP3
5.1.6
CLOCKING ERROR (CLKE) (READ ONLY)
Default = 0
0 - No error
1 - Error
5.2
DAC Control (address 02h)
5.2.1
MUTE ON CONSECUTIVE ZEROS (MUTC)
Default = 0
0 - Disabled
1 - Enabled
Function:
The DAC output will mute following the reception of 512 consecutive audio samples of static 0 or -1
when this function is enabled. A single sample of non-static data will release the mute. Detection and
muting is done independently for each channel. The muting function is affected, similar to volume
control changes, by the SOFT bit in the DAC Control register.
5.2.2
MUTE CONTROL (MUTR-MUTL)
Default = 0
0 - Disabled
1 - Enabled
Function:
The output for the selected DAC channel will be muted when this function is enabled. The muting
function is affected, similar to volume control changes, by the SOFT bit in the DAC Control register.
5.2.3
SOFT RAMP CONTROL (SOFT)
Default = 0
0 - Soft Ramp level changes
1 - Zero Cross level changes
Function:
Soft Ramp level changes will be implemented by incrementally ramping, in 0.5 dB steps, from the cur-
rent level to the new level. The rate of change defaults to 0.5 dB per 8 left/right clock periods and is
adjustable through the RMP bits in the DAC Control register.
Zero Cross level changes will be implemented in a single step from the current level to the new level.
The level change takes effect on a zero crossing to minimize audible artifacts. If the signal does not
encounter a zero crossing, the level change will occur after a timeout period of 512 sample periods
(10.7 ms at 48 kHz sample rate). Zero crossing is independently monitored and implemented for each
channel. The ACCR and ACCL bits in the Converter Status Report register indicate when a level
change has occurred for the right and left channel.
765
4321
0
Reserved
MUTC
MUTR
MUTL
SOFT
Reserved
RMP1
RMP0
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com