Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
16
AT25DF641
3680F–DFLASH–4/10
Figure 7-5.
Block Erase
SO
SI
SCK
CS
MS B
MS B
2
3
1
0
C
C
C
C
C
C
C
C
6
7
5
4
10 11
9
8
12
31
29 30
27 28
26
OP C ODE
A
A
A
A
A
A
A
A
A
A
A
A
ADDR E S S B ITS A23-A0
HIG H-IMP E DANC E
7.4.
Chip Erase
The entire memory array can be erased in a single operation by using the Chip Erase command. Before a Chip
Erase command can be started, the Write Enable command must have been previously issued to the device to
set the WEL bit of the Status Register to a logical “1” state.
Two opcodes, 60h and C7h, can be used for the Chip Erase command. There is no difference in device
functionality when utilizing the two opcodes, so they can be used interchangeably. To perform a Chip Erase, one
of the two opcodes (60h or C7h) must be clocked into the device. Since the entire memory array is to be erased,
no address bytes need to be clocked into the device, and any data clocked in after the opcode will be ignored.
When the
pin is deasserted, the device will erase the entire memory array. The erasing of the device is
internally self-timed and should take place in a time of tCHPE.
The complete opcode must be clocked into the device before the
pin is deasserted, and the
pin must be
deasserted on an even byte boundary (multiples of eight bits); otherwise, no erase will be performed. In addition,
if any sector of the memory array is in the protected or locked down state, then the Chip Erase command will not
be executed, and the device will return to the idle state once the
pin has been deasserted. The WEL bit in the
Status Register will be reset back to the logical “0” state if the
pin is deasserted on uneven byte boundaries or
if a sector is in the protected or locked down state.
While the device is executing a successful erase cycle, the Status Register can be read and will indicate that the
device is busy. For faster throughput, it is recommended that the Status Register be polled rather than waiting the
tCHPE time to determine if the device has finished erasing. At some point before the erase cycle completes, the
WEL bit in the Status Register will be reset back to the logical “0” state.
The device also incorporates an i ntelligent erase algorithm that can detect when a by te location fails to erase
properly. If an erase error occurs, it will be indicated by the EPE bit in the Status Register.
CS
CS
CS
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com