Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 35Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 36Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
34
AT25DF641
3680F–DFLASH–4/10
10.
Status Register Commands
10.1. Read Status Register
The two-byte Status Register can be read to determine the device’s ready/busy status, as well as the status of
many other functions such as Hardware Locking and Software Protection. The Status Register can be read at any
time, including during an internally self-timed program or erase operation.
To read the Status Register, the
pin must first be asserted and the opcode of 05h must be clocked into the
device. After the opcode has been clocked in, the device will begin outputting Status Register data on the SO pin
during every subsequent clock cycle. After the second byte of the Status Register has been c locked out, the
sequence will repeat itself starting again with the first byte of the Status Register as long as the
pin remains
asserted and the clock pin is being pulsed. The data in the Status Register is constantly being updated, so each
repeating sequence will output new data. The RDY/BSY status is available for both bytes of the Status Register
and is updated for each byte.
At clock frequencies above fCLK, the first two bytes of data output from the Status Register will not be valid.
Therefore, if operating at clock frequencies above fCLK, at least four bytes of data must be clocked out from the
device in order to read the correct values of both bytes of the Status Register.
Deasserting the
pin will terminate the Read Status Register operation and put the SO pin into a
high-impedance state. The
pin can be deasserted at any time and does not require that a full byte of data be
read.
Table 10-1.
Status Register Format – Byte 1
Bit(1)
Name
Type(2)
Description
7
SPRL
Sector Protection Registers
Locked
R/W
0
Sector Protection Registers are unlocked (default)
1
Sector Protection Registers are locked
6
RES
Reserved for future use
R
0
Reserved for future use
5
EPE
Erase/Program Error
R
0
Erase or program operation was successful
1
Erase or program error detected
4
WPP
Write Protect (
) Pin Status
R
0
is asserted
1
is deasserted
3:2
SWP
Software Protection Status
R
00
All sectors are software unprotected (all Sector
Protection Registers are 0)
01
Some sectors are software protected
Read individual Sector Protection Registers to
determine which sectors are protected
10
Reserved for future use
11
All sectors are software protected (all Sector Protection
Registers are 1 – default)
1
WEL
Write Enable Latch Status
R
0
Device is not write enabled (default)
1
Device is write enabled
0
RDY/BSY Ready/Busy Status
R
0
Device is ready
1
Device is busy with an internal operation
Notes: 1. Only bit 7 of Status Register Byte 1 will be modified when using the Write Status Register
Byte 1 command
2. R/W = Readable and writeable
R = Readable only
WP
WP
WP
CS
CS
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com