Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 21Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 22Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 23Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 24Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 25Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
22
AT25DF641
3680F–DFLASH–4/10
8.2.
Write Disable
The Write Disable command is used to reset the Write Enable Latch (WEL) bit in the Status Register to the logical
"0" state. With the WEL bit reset, all Byte/Page Program, erase, Protect Sector, Unprotect Sector, Sector
Lockdown, Freeze Sector Lockdown State, Program OTP Security Register, and W rite Status Register
commands will not be executed. Other conditions can also cause the WEL bit to be reset; for more details, refer to
the WEL bit section of the Status Register description.
To issue the Write Disable command, the
pin must first be asserted and the opcode of 04h must be clocked
into the device. No address bytes need to be clocked into the device, and any data clocked in after the opcode
will be ignored. When the
pin is deasserted, the WEL bit in the Status Register will be reset to a logical “0”.
The complete opcode must be clocked into the device before the
pin is deasserted, and the
pin must be
deasserted on an even byte boundary (multiples of eight bits); otherwise, the device will abort the operation and
the state of the WEL bit will not change.
Figure 8-2.
Write Disable
SO
SI
SCK
CS
MS B
2
3
1
0
0
0
0
0
0
1
0
0
6
7
5
4
OP C ODE
HIG H-IMP E DANC E
8.3.
Protect Sector
Every physical 64-Kbyte sector of the device has a corresponding single-bit Sector Protection Register that is
used to control the software protection of a sector. Upon device power-up, each Sector Protection Register will
default to the logical “1” state indicating that all sectors are protected and cannot be programmed or erased.
Issuing the Protect Sector command to a particular sector address will set the corresponding Sector Protection
Register to the logical “1” state. The following table outlines the two states of the Sector Protection Registers.
Table 8-1.
Sector Protection Register Values
Value
Sector Protection Status
0
Sector is unprotected and can be programmed and erased
1
Sector is protected and cannot be programmed or erased
This is the default state
CS
CS
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com