Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641 Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 48Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 49Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 50Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 51Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 52Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 53Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 54Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 55Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 56Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
AT25DF641
55
3680F–DFLASH–4/10
17.
Revision History
Doc. Rev.
Date
Comments
3680G
11/2012
Update to Adesto
3680F
04/2010
Changed Deep Power Down Current
– Increased typical value from 5µA to 15µA
– Increased max value from 10µA to 25µA
Changed Active Current, Read Operation
– Removed ICC1 for 100MHz
– Decreased ICC1 frequency from 85MHz to 75MHz
– Increased typical ICC1 value from 10mA to 13mA
– Increased typical ICC1 value for 66MHz from 8mA to 12mA
– Increased typical ICC1 value for 50MHz from 7mA to 11mA and max value from 12mA to 13mA
– Increased typical ICC1 value for 33MHz from 6mA to 10mA and max value from 10mA to 12mA
– Increased typical ICC1 value for 20MHz from 5mA to 9mA and max value from 8mA to 11mA
Changed the Read Array frequencies
– 1Bh command: Decreased max value from 100MHz to 75MHz
– 0Bh command: Decreased max value from 85MHz to 75MHz
– 03h command: Decreased max value from 50MHz to 45MHz
– 3Bh command: Decreased max value from 85MHz to 55MHz
Removed “Preliminary” status from datasheet
Removed the Errata section
3680E
12/2008
Changed Standby Current value
– Increased maximum value from 35µA to 50µA
Changed Deep Power-Down Current values
– Increased typical value from 1µA to 5µA
– Increased maximum value from 5µA to 10µA
3680D
11/2008
Added Errata (Section 18) regarding Erase Suspend and AC Characteristics
Corrected clock frequency values in Table 5-1
3680C
06/2008
Replaced the technical illustration (16S2) with the correct one (16S) on page 53
3680B
02/2008
Minor text edits throughout document
Changed Standby Current values
– Increased typical value from 10µA to 25µA
– Increased maximum value from 20µA to 35µA
Changed minimum Clock High Time and minimum Clock Low Time from 3.7ns to 4.3ns
3680A
12/2007
Initial document release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com