Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 26Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 27Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 28Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 29Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
30
AT25DF641
3680F–DFLASH–4/10
9.2.
Freeze Sector Lockdown State
The current sector lockdown state can be permanently frozen so that no f urther modifications to the Sector
Lockdown Registers can be made; therefore, the Sector Lockdown command will be permanently disabled, and
no additional sectors can be locked down aside from those already locked down. Any attempts to issue the Sector
Lockdown command after the sector lockdown state has been frozen will be ignored.
Before the Freeze Sector Lockdown State command can be issued, the Write Enable command must have been
previously issued to set the WEL bit in the Status Register to a logical “1”. In addition, the Sector Lockdown
Enabled (SLE) bit in the Status Register must have also been previously set to the logical “1” state. To issue the
Freeze Sector Lockdown State command, the
pin must first be asserted and the opcode of 34h must be
clocked into the device followed by three command specific address bytes of 55AA40h. After the three address
bytes have been c locked in, a c onfirmation byte of D0h must be c locked in immediately following the three
address bytes. Any additional data clocked into the device will be ignored. When the
pin is deasserted, the
current sector lockdown state will be permanently frozen within a time of tLOCK. In addition, the WEL bit in the
Status Register will be reset back to the logical “0” state, and the SLE bit will be permanently reset to a logical “0”
to indicate that the Sector Lockdown command is permanently disabled.
The complete and correct three address bytes and the confirmation byte must be clocked into the device before
the
pin is deasserted, and the
pin must be deasserted on an even byte boundary (multiples of eight bits);
otherwise, the device will abort the operation. When the device aborts the Freeze Sector Lockdown State
operation, the WEL bit in the Status Register will be reset to a logical “0”; however, the state of the SLE bit will be
unchanged.
Figure 9-2.
Freeze Sector Lockdown State
SO
SI
SCK
CS
MS B
MS B
2
3
1
0
0
0
1
1
0
1
0
0
6
7
5
4
9
8
39
37 38
33
36
35
34
31 32
29 30
OP C ODE
HIG H-IMP E DANC E
0
1
0
0
0
0
MS B
1
1
0
1
0
0
0
0
ADDR E S S B ITS A23-A0 C ONF IR MATION B Y TE IN
CS
CS
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com