Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
AT25DF641
9
3680F–DFLASH–4/10
6.
Read Commands
6.1.
Read Array
The Read Array command can be us ed to sequentially read a c ontinuous stream of data from the device by
simply providing the clock signal once the initial starting address has been specified. The device incorporates an
internal address counter that automatically increments on every clock cycle.
Three opcodes (1Bh, 0Bh, and 03h) can be used for the Read Array command. The use of each opcode depends
on the maximum clock frequency that will be used to read data from the device. The 0Bh opcode can be used at
any clock frequency up to the maximum specified by fCLK, and the 03h opcode can be used for lower frequency
read operations up to the maximum specified by fRDLF. The 1Bh opcode allows the highest read performance
possible and can be used at any clock frequency up to the maximum specified by fMAX; however, use of the 1Bh
opcode at clock frequencies above fCLK should be reserved to systems employing the RapidS protocol.
To perform the Read Array operation, the
pin must first be asserted and the appropriate opcode (1Bh, 0Bh, or
03h) must be clocked into the device. After the opcode has been clocked in, the three address bytes must be
clocked in to specify the starting address location of the first byte to read within the memory array. Following the
three address bytes, additional dummy bytes may need to be clocked into the device depending on which opcode
is used for the Read Array operation. If the 1Bh opcode is used, then two dummy bytes must be clocked into the
device after the three address bytes. If the 0Bh opcode is used, then a single dummy byte must be clocked in
after the address bytes.
After the three address bytes (and the dummy bytes or byte if using opcodes 1Bh or 0Bh) have been clocked in,
additional clock cycles will result in data being output on the SO pin. The data is always output with the MSB of a
byte first. When the last byte (7FFFFFh) of the memory array has been r ead, the device will continue reading
back at the beginning of the array (000000h). No delays will be incurred when wrapping around from the end of
the array to the beginning of the array.
Deasserting the
pin will terminate the read operation and put the SO pin into a high-impedance state. The
pin can be deasserted at any time and does not require that a full byte of data be read.
Figure 6-1.
Read Array - 1Bh Opcode
SO
SI
SCK
MS B
MS B
2
3
1
0
0
0
0
1
1
0
1
1
6
7
5
4
10 11
9
8
12
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
50 51
49
52
55 56
54
53
OPCODE
A
A
A
A
A
A
A
A
A
MS B
X
X
X
X
X
X
X
X
MS B
MS B
D D D D D D D D
D
D
ADDR E S S BITS A23-A0
DON'T CAR E
MS B
X
X
X
X
X
X
X
X
DON'T CAR E
DATA BYTE 1
HIGH-IMPE DANCE
CS
CS
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com