Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 35Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 36Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 38Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 39Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
36
AT25DF641
3680F–DFLASH–4/10
10.1.2. EPE Bit
The EPE bit indicates whether the last erase or program operation completed successfully or not. If at least one
byte during the erase or program operation did not erase or program properly, then the EPE bit will be set to the
logical “1” state. The EPE bit will not be set if an erase or program operation aborts for any reason such as an
attempt to erase or program a protected region or a locked down sector, an attempt to erase or program a
suspended sector, or if the WEL bit is not set prior to an erase or program operation. The EPE bit will be updated
after every erase and program operation.
10.1.3. WPP Bit
The WPP bit can be read to determine if the
pin has been asserted or not.
10.1.4. SWP Bits
The SWP bits provide feedback on t he software protection status for the device. There are three possible
combinations of the SWP bits that indicate whether none, some, or all of the sectors have been protected using
the Protect Sector command or the Global Protect feature. If the SWP bits indicate that some of the sectors have
been protected, then the individual Sector Protection Registers can be r ead with the Read Sector Protection
Registers command to determine which sectors are in fact protected.
10.1.5. WEL Bit
The WEL bit indicates the current status of the internal Write Enable Latch. When the WEL bit is in the logical “0”
state, the device will not accept any Byte/Page Program, erase, Protect Sector, Unprotect Sector, Sector
Lockdown, Freeze Sector Lockdown State, Program OTP Security Register, or Write Status Register commands.
The WEL bit defaults to the logical “0” state after a device power-up or reset operation. In addition, the WEL bit
will be reset to the logical “0” state automatically under the following conditions:
•
Write Disable operation completes successfully
•
Write Status Register operation completes successfully or aborts
•
Protect Sector operation completes successfully or aborts
•
Unprotect Sector operation completes successfully or aborts
•
Sector Lockdown operation completes successfully or aborts
•
Freeze Sector Lockdown State operation completes successfully or aborts
•
Program OTP Security Register operation completes successfully or aborts
•
Byte/Page Program operation completes successfully or aborts
•
Block Erase operation completes successfully or aborts
•
Chip Erase operation completes successfully or aborts
•
Hold condition aborts
If the WEL bit is in the logical “1” state, it will not be r eset to a l ogical “0” if an oper ation aborts due to an
incomplete or unrecognized opcode being clocked into the device before the
pin is deasserted. In order for the
WEL bit to be reset when an operation aborts prematurely, the entire opcode for a Byte/Page Program, erase,
Protect Sector, Unprotect Sector, Sector Lockdown, Freeze Sector Lockdown State, Program OTP Security
Register, or Write Status Register command must have been clocked into the device.
CS
WP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com