Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 41Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 42Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 43Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 44Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 45Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 46Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 47Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 48Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
AT25DF641
45
3680F–DFLASH–4/10
11.5. Hold
The
pin is used to pause the serial communication with the device without having to stop or reset the clock
sequence. The Hold mode, however, does not have an affect on any internally self-timed operations such as a
program or erase cycle. Therefore, if an erase cycle is in progress, asserting the
pin will not pause the
operation, and the erase cycle will continue until it is finished.
The Hold mode can only be entered while the
pin is asserted. The Hold mode is activated simply by asserting
the
pin during the SCK low pulse. If the
pin is asserted during the SCK high pulse, then the Hold
mode won’t be started until the beginning of the next SCK low pulse. The device will remain in the Hold mode as
long as the
pin and
pin are asserted.
While in the Hold mode, the SO pin will be in a high-impedance state. In addition, both the SI pin and the SCK pin
will be ignored. The
pin, however, can still be asserted or deasserted while in the Hold mode.
To end the Hold mode and resume serial communication, the
pin must be deasserted during the SCK low
pulse. If the
pin is deasserted during the SCK high pulse, then the Hold mode won’t end until the beginning
of the next SCK low pulse.
If the
pin is deasserted while the
pin is still asserted, then any operation that may have been started will
be aborted, and the device will reset the WEL bit in the Status Register back to the logical “0” state.
Figure 11-5.
Hold Mode
HOLD
SCK
CS
Hold
Hold
Hold
WP
CS
CS
CS
HOLD
HOLD
HOLD
HOLD
HOLD
HOLD
HOLD
HOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com