Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF512C Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # AT25DF512C
Description  512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF512C Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AT25DF512C Datasheet HTML 12Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 13Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 14Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 15Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 16Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 17Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 18Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
16
AT25DF512C
DS-25DF512C–030A–4/2014
will abort the operation and the user-programmable portion of the OTP Security Register will not be programmed. The
WEL bit in the Status Register will be reset back to the logical “0” state if the OTP Security Register program cycle aborts
due to an incomplete address being sent, an incomplete byte of data being sent, the CS pin being deasserted on uneven
byte boundaries, or because the user-programmable portion of the OTP Security Register was previously programmed.
While the device is programming the OTP Security Register, the Status Register can be read and will indicate that the
device is busy. For faster throughput, it is recommended that the Status Register be polled rather than waiting the t
OTPP
time to determine if the data bytes have finished programming. At some point before the OTP Security Register
programming completes, the WEL bit in the Status Register will be reset back to the logical “0” state.
If the device is powered-down during the OTP Security Register program cycle, then the contents of the 64-byte user
programmable portion of the OTP Security Register cannot be guaranteed and cannot be programmed again.
The Program OTP Security Register command utilizes the internal 256-buffer for processing. Therefore, the contents of
the buffer will be altered from its previous state when this command is issued.
Figure 10-1. Program OTP Security Register
10.2
Read OTP Security Register
The OTP Security Register can be sequentially read in a similar fashion to the Read Array operation up to the maximum
clock frequency specified by f
CLK. To read the OTP Security Register, the CS pin must first be asserted and the opcode
of 77h must be clocked into the device. After the opcode has been clocked in, the three address bytes must be clocked in
to specify the starting address location of the first byte to read within the OTP Security Register. Following the three
address bytes, two dummy bytes must be clocked into the device before data can be output.
After the three address bytes and the dummy bytes have been clocked in, additional clock cycles will result in OTP
Security Register data being output on the SO pin. When the last byte (00007Fh) of the OTP Security Register has been
read, the device will continue reading back at the beginning of the register (000000h). No delays will be incurred when
wrapping around from the end of the register to the beginning of the register.
Deasserting the CS pin will terminate the read operation and put the SO pin into a high-impedance state. The CS pin can
be deasserted at any time and does not require that a full byte of data be read.
SCK
CS
SI
SO
MSB
MSB
23
1
0
10011011
67
5
49
839
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AA
AAA
A
MSB
DDDDDDD
D
ADDRESS BITS A23-A0
DATA IN BYTE 1
MSB
DDDDDDD
D
DATA IN BYTE n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com