Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF512C Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # AT25DF512C
Description  512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF512C Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button AT25DF512C Datasheet HTML 18Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 20Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 21Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 22Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 23Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 24Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 25Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
22
AT25DF512C
DS-25DF512C–030A–4/2014
12.
Other Commands and Functions
12.1
Read Manufacturer and Device ID
Identification information can be read from the device to enable systems to electronically query and identify the device
while it is in system. The identification method and the command opcode comply with the JEDEC standard for
“Manufacturer and Device ID Read Methodology for SPI Compatible Serial Interface Memory Devices”. The type of
information that can be read from the device includes the JEDEC defined Manufacturer ID, the vendor specific Device ID,
and the vendor specific Extended Device Information.
Since not all Flash devices are capable of operating at very high clock frequencies, applications should be designed to
read the identification information from the devices at a reasonably low clock frequency to ensure all devices used in the
application can be identified properly. Once the identification process is complete, the application can increase the clock
frequency to accommodate specific Flash devices that are capable of operating at the higher clock frequencies.
To read the identification information, the CS pin must first be asserted and the opcode of 9Fh must be clocked into the
device. After the opcode has been clocked in, the device will begin outputting the identification data on the SO pin during
the subsequent clock cycles. The first byte that will be output will be the Manufacturer ID followed by two bytes of Device
ID information. The fourth byte output will be the Extended Device Information String Length, which will be 00h indicating
that no Extended Device Information follows. After the Extended Device Information String Length byte is output, the SO
pin will go into a high-impedance state; therefore, additional clock cycles will have no affect on the SO pin and no data
will be output. As indicated in the JEDEC standard, reading the Extended Device Information String Length and any
subsequent data is optional.Deasserting the CS pin will terminate the Manufacturer and Device ID read operation and
put the SO pin into a high-impedance state. The CS pin can be deasserted at any time and does not require that a full
byte of data be read.
Table 12-1. Manufacturer and Device ID Information
Byte No.
Data Type
Value
1
Manufacturer ID
1Fh
2
Device ID (Part 1)
65h
3
Device ID (Part 2)
01h
4
Extended Device Information String Length
00h
Table 12-2. Manufacturer and Device ID Details
Data Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Hex
Valu
e
Details
Manufacturer ID
JEDEC Assigned Code
1Fh
JEDEC Code: 0001 1111 (1Fh for Adesto)
0
0
0
1
1
1
1
1
Device ID (Part
1)
Family Code
Density Code
65h
Family Code: 011 (AT25F/AT25FSxxx series)
Density Code: 00101 (512-Kbit)
0
1
1
0
0
1
0
1
Device ID (Part
2)
Sub Code
Product Version Code
01h
Sub Code:
000 (Standard series)
Product Version:00001
0
0
0
0
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com