Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF512C Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # AT25DF512C
Description  512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF512C Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button AT25DF512C Datasheet HTML 26Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 27Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 28Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 29Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
30
AT25DF512C
DS-25DF512C–030A–4/2014
13.4
AC Characteristics - Maximum Clock Frequencies
Symbol
Parameter
1.65V to 3.6V
2.3V to 3.6V
Units
Min
Typ
Max
Min
Typ
Max
f
CLK
Maximum Clock Frequency for All Operations
(excluding 0Bh opcode)
85
85
MHz
fRDLF
Maximum Clock Frequency for 03h Opcode
(Read Array – Low Frequency)
33
33
MHz
fRDDO
Maximum Clock Frequency for 3B Opcode
50
50
MHz
13.5
AC Characteristics – All Other Parameters
Symbol
Parameter
1.65V to 3.6V
2.3V to 3.6V
Units
Min
Typ
Max
Min
Typ
Max
tCLKH
Clock High Time
4
4
ns
t
CLKL
Clock Low Time
4
4
ns
tCLKR
(1)
Clock Rise Time, Peak-to-Peak (Slew Rate)
0.1
0.1
V/ns
tCLKF
(1)
Clock Fall Time, Peak-to-Peak (Slew Rate)
0.1
0.1
V/ns
t
CSH
Chip Select High Time
50
50
ns
tCSLS
Chip Select Low Setup Time (relative to Clock)
6
6
ns
tCSLH
Chip Select Low Hold Time (relative to Clock)
6
6
ns
t
CSHS
Chip Select High Setup Time (relative to Clock)
6
6
ns
t
CSHH
Chip Select High Hold Time (relative to Clock)
6
6
ns
tDS
Data In Setup Time
2
2
ns
t
DH
Data In Hold Time
1
1
ns
t
DIS
(1)
Output Disable Time
8
6
ns
tV
Output Valid Time
8
6
ns
t
OH
Output Hold Time
0
0
ns
t
HLS
HOLD Low Setup Time (relative to Clock)
6
5
ns
tHLH
HOLD Low Hold Time (relative to Clock)
6
5
ns
t
HHS
HOLD High Setup Time (relative to Clock)
6
5
ns
t
HHH
HOLD High Hold Time (relative to Clock)
6
5
ns
tHLQZ
(1)
HOLD Low to Output High-Z
7
6
ns
tHHQX
(1)
HOLD High to Output Low-Z
7
6
ns
t
WPS
(1)(2)
Write Protect Setup Time
20
20
ns
tWPH
(1)(2)
Write Protect Hold Time
100
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com