Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF512C Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # AT25DF512C
Description  512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF512C Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button AT25DF512C Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 35Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 36Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 38Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 39Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 40Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
36
AT25DF512C
DS-25DF512C–030A–4/2014
16.2
8MA3 – UDFN
TITLE
DRAWING NO.
GPC
REV.
Package Drawing Contact:
contact@adestotech.com
®
8MA3
YCQ
A
8MA3, 8-pad, 2 x 3 x 0.6 mm Body, 0.5 mm Pitch,
1.6 x 0.2 mm Exposed Pad, Saw Singulated
Thermally Enhanced Plastic Ultra Thin Dual
Flat No Lead Package (UDFN/USON)
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
0.45
–
0.60
A1
0.00
–
0.05
b
0.20
–
0.30
D
1.95
2.00
2.05
D2
1.50
1.60
1.70
E
2.95
3.00
3.05
E2
0.10
0.20
0.30
e
–
0.50
–
L
0.40
0.45
0.50
L3
0.30
–
0.40
ccc
–
–
0.05
eee
–
–
0.05
8/8/08
Notes: 1. All dimensions are in mm. Angles in degrees.
2. Coplanarity applies to the exposed pad as well
as the terminals. Coplanarity shall not exceed 0.05 mm.
3. Warpage shall not exceed 0.05 mm.
4. Package length/package width are considered as
special characteristic.
5. Refer to Jede MO-236/MO-252
1
4
8
5
b
D2
8X
C
0.10mm
B
A
R0.10
L3
e
1.50 Ref.
D
1
4
PIN 1 ID
5
B
A
A1
A
0.127 Ref.
C
C
eee
ccc
8X
C
23
6
7
8
L
//



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com