Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF512C Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # AT25DF512C
Description  512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF512C Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button AT25DF512C Datasheet HTML 27Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 28Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 29Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
31
AT25DF512C
DS-25DF512C–030A–4/2014
Notes: 1. Not 100% tested (value guaranteed by design and characterization).
2. Only applicable as a constraint for the Write Status Register command when BPL = 1.
Note:
1. Maximum values indicate worst-case performance after 100,000 erase/program cycles.
2. Not 100% tested (value guaranteed by design and characterization).
3. Program and Erase operations characterized at -10°C to +85°C. Program and Erase operations at -40°C to -10°C require
a minimum of 1.7V.
t
EDPD
(1)
Chip Select High to Deep Power-Down
2
2
µs
tEUDPD.
Chip Select High to Ultra Deep Power-Down
3
3
µs
tSWRST
Software Reset Time
60
60
µs
tCSLU
Minimum Chip Select Low to Exit Ultra Deep
Power-Down
20
20
ns
t
XUDPD
Exit Ultra Deep Power-Down Time
100
100
µs
tRDPD
(1)
Chip Select High to Standby Mode
8
8
µs
13.6
Program and Erase Characteristics
Symbol
Parameter
1.65V-3.6V(3)
2.3V-3.6V
Min
Typ
Max
Min
Typ
Max
Units
t
PP
(1)
Page Program Time (256 Bytes)
1.5
5.0
1.5
5.0
ms
tBP
Byte Program Time
12
8
µs
tPE
Page Erase Time
6
25
6
25
ms
tBLKE
(1)
Block Erase Time
4 Kbytes
50
150
50
120
ms
32 Kbytes
400
500
350
400
tCHPE
(1)(2)
Chip Erase Time
800
1000
700
800
ms
t
OTPP
(1)
OTP Security Register Program Time
400
950
400
950
µs
t
WRSR
(2)
Write Status Register Time
20
40
20
40
ms
13.7
Power-up Conditions
Symbol
Parameter
Min
Max
Units
tVCSL
Minimum VCC to Chip Select Low Time
70
µs
t
PUW
Power-up Device Delay Before Program or Erase Allowed
5
ms
V
POR
Power-on Reset Voltage
1.45
1.6
V
13.5
AC Characteristics – All Other Parameters
Symbol
Parameter
1.65V to 3.6V
2.3V to 3.6V
Units
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com