Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF512C Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # AT25DF512C
Description  512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF512C Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button AT25DF512C Datasheet HTML 24Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 25Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 26Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 27Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 28Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 29Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
28
AT25DF512C
DS-25DF512C–030A–4/2014
The Reset command has no effect on the states of the Configuration Register or RSTE bit in the Status Register. The
WEL however, will be reset back to its default state.
The complete opcode and confirmation byte must be clocked into the device before the CS pin is deasserted, and the CS
pin must be deasserted on an even byte boundary (multiples of eight bits); otherwise, no Reset operation will be
performed.
Figure 12-9. Reset
13.
Electrical Specifications
SCK
CS
SI
SO
MSB
23
1
0
1111000
67
5
4
Opcode
Confirmation Byte In
10 11
9
814 15
13
12
0
MSB
1101000
0
High-impedance
13.1
Absolute Maximum Ratings
Temperature under Bias. . . . . . . . -55
C to +125C
*Notice: Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other
conditions beyond those indicated in the operational
sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect device reliability.
Storage Temperature . . . . . . . . . . -65
C to +150C
All Input Voltages
(including NC Pins)
with Respect to Ground . . . . . . . . . .-0.6V to +4.1V
All Output Voltages
with Respect to Ground . . . . . .-0.6V to VCC + 0.5V
13.2
DC and AC Operating Range
AT25DF512C
Operating Temperature (Case) (1)
Ind.
-40
C to 85C
VCC Power Supply
1.65V to 3.6V
1. Temperature Range:-10°C to +85°C (1.65V to 3.6V), -40°C to +85° (1.7V to 3.6V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com