Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF512C Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # AT25DF512C
Description  512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF512C Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button AT25DF512C Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 20Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 21Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 22Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 23Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 24Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 25Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 26Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
23
AT25DF512C
DS-25DF512C–030A–4/2014
Figure 12-1. Read Manufacturer and Device ID
12.2
Read ID (Legacy Command)
Identification information can be read from the device to enable systems to electronically query and identify the device
while it is in system. The preferred method for doing so is the JEDEC standard “Read Manufacturer and Device ID”
method described in Section 12.1 on page 22; however, the legacy Read ID command is supported on the AT25DF512C
to enable backwards compatibility to previous generation devices.
To read the identification information, the CS pin must first be asserted and the opcode of 15h must be clocked into the
device. After the opcode has been clocked in, the device will begin outputting the identification data on the SO pin during
the subsequent clock cycles. The first byte that will be output will be the Manufacturer ID of 1Fh followed by a single byte
of data representing a device code of 65h. After the device code is output, the SO pin will go into a high-impendance
state; therefore, additional clock cycles will have no affect on the SO pin and no data will be output.
Deasserting the CS pin will terminate the Read ID operation and put the SO pin into a high-impedance state. The CS pin
can be deasserted at any time and does not require that a full byte of data read.
Figure 12-2. Read ID (Legacy Command)
12.3
Deep Power-Down
During normal operation, the device will be placed in the standby mode to consume less power as long as the CS pin
remains deasserted and no internal operation is in progress. The Deep Power-Down command offers the ability to place
the device into an even lower power consumption state called the Deep Power-Down mode.
SCK
CS
SI
SO
6
0
9Fh
8
7
38
OPCODE
1Fh
65h
01h
00h
MANUFACTURER ID
DEVICE ID
BYTE1
DEVICE ID
BYTE2
EXTENDED
DEVICE
INFORMATION
STRING LENGTH
HIGH-IMPEDANCE
14
16
15
22
24
23
30
32
31
Note: Each transition
shown for SI and SO represents one byte (8 bits)
SCK
CS
SI
SO
MSB
23
1
0
00010101
67
5
410 11
9
812
21 22
17
20
19
18
15 16
13 14
OPCODE
MSB
01111
1
0
0
MSB
10010
1
1
0
MANUFACTURER
ID
DEVICE
CODE
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com