Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF512C Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # AT25DF512C
Description  512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF512C Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button AT25DF512C Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 35Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 36Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
34
AT25DF512C
DS-25DF512C–030A–4/2014
15.
Ordering Information
15.1
Ordering Code Detail
AT 2 5
5 1
S S H
B
2C–
–
D F
Designator
Product Family
Device Density
512 = 512-kilobit
Package Option
SS = 8-lead, 0.150" wide SOIC
MA = 8-pad, 2 x 3 x 0.6 mm UDFN
XM = 8-lead TSSOP
Device Grade
H = Green, NiPdAu lead finish, industrial
temperature range (-40°C to +85°C)
Shipping Carrier Option
B = Bulk (tubes)
T = Tape and reel
Y = Tray
Device Revision
N
Voltage Code
N = 1.65V to 3.6V
15.2
Green Package Options (Pb/Halide-free/RoHS Compliant)
Ordering Code (1)
Package
Lead Finish
Operating Voltage
Max. Freq.
(MHz)
Operation Range
AT25DF512C-SSHN-B
AT25DF512C-SSHN-T
8S1
NiPdAu
1.65V to 3.6V (2)
85
Industrial
(-40°C to +85°C)(2)
AT25DF512C-MAHN-Y
8MA3
AT25DF512C-MAHN-T
AT25DF512C-XMHN-T
8X
AT25DF512C-XMHN-B
1. The shipping carrier option code is not marked on the devices.
2. Temperature Range:-10°C to +85°C (1.65V to 3.6V), -40°C to +85° (1.7V to 3.6V).
Package Type
8S1
8-lead, 0.150" Wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC)
8MA3
8-pad, 2 x 3 x 0.6 mm, Thermally Enhanced Plastic Ultra Thin Dual Flat No Lead Package (UDFN)
8X
8-lead, Thin Small Outline Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com