| Electronic Components Datasheet Search |
|
ADAV802 Datasheet(PDF) 33 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAV802 Datasheet(HTML) 33 Page - Analog Devices |
|
33 / 53 page ![]() Preliminary Technical Data ADAV802 Rev. Pr G | Page 33 of 53 Table 36. Transmitter Control Register RES Tx-VALIDITY Tx-RATIO2-0 TxCLK SEL1-0 Tx-ENABLE 7 6 5,4,3 2,1 0 ADDRESS = 0001100 TxVALIDITY This bit is used to set or clear the VALIDITY bit in the AES3/SPDIF Transmit stream 0 = Audio is suitable for D/A conversion 1 = Audio is not suitable for D/A conversion TxRATIO2-0 Determines the AES3/SPDIF Transmit to AES3/SPDIF Receiver ratio 000 = Transmitter to Receiver Ratio is 1:1 001 = Transmitter to Receiver Ratio is 1:2 010 = Transmitter to Receiver Ratio is 1:4 101 = Transmitter to Receiver Ratio is 2:1 110 = Transmitter to Receiver Ratio is 4:1 TxCLKSEL1-0 Selects the clock source for the AES3/SPDIF Transmitter 00 = Internal Clock 1 is the clock source for the Transmitter 01 = Internal Clock 2 is the clock source for the Transmitter 10 = The recovered PLL clock is the clock source for the Transmitter 11 = Reserved TxENABLE Enables the AES3/SPDIF Transmitter 0 = The AES3/SPDIF Transmitter is disabled 1 = The AES3/SPDIF Transmitter is enabled Table 37. Transmitter Buffer Configuration Register IU_Zeros3-0 TxBCONF3 TxBCONF2-1 TxBCONF0 7,6,5,4 3 2,1 0 ADDRESS = 0001101 IU_Zeros3-0 Determines the number of zeros to be stuffed between IUs in a message up to a maximum of 8 0000 = 0 0001 = 1 ...... 0111 = 7 1000 = 8 TxBCONF3 The Transmitter User Bits can be stored in separate buffers or stored together 0 = The User Bits are stored together 1 = The User Bits are stored seperately TxBCONF2-1 Configures the Transmitter User Bit Buffer. 00 = Zeros are transmitted for the User Bits 01 = The transmitter User Bit buffer size is configured according to TxBCONF0 10 = Write the User Bits to the transmit buffer in IUs specified by the IEC60958-3 standard 11 = Reserved TxBCONF0 Determines the buffer size of the transmitter user bits when TxBCONF2-1 is 01 0 = 384 Bits with Preamble-Z as the start of the buffer 1 = 768 Bits with Preamble-Z as the start of the buffer |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |